Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 9Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 10Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 11Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 12Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 13Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 14Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 15Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 16Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 13 of 109
5. Pin Circuit Type
[1]: Please refer to “ I/O Circuit Type” for details on the I/O circuit types
[2]: Devices with suffix ”W”
[3]: Devices without suffix ”W”
Table 2: Pin circuit types
FPT-100P-M20
FPT-100P-M22
Pin no.
Circuit
type [1]
Pin no.
Circuit
type [1]
1-10
H
1-12
H
11,12
B [2]
13, 14
B [2]
11,12
H [3]
13, 14
H [3]
13,14
Supply
15,16
Supply
15
F
17
F
16,17
H
18,19
H
18-21
N
20-23
N
22-29
I
24-31
I
30
Supply
32
Supply
31-32
G
33-34
G
33
Supply
35
Supply
34 to 41
I
36 to 43
I
42
Supply
44
Supply
43 to 48
I
45 to 50
I
49 to 51
C
51 to 53
C
52
E
54
E
53 to 54
I
55 to 56
I
55 to 62
H
57 to 64
H
63, 64
Supply
65, 66
Supply
65 to 87
H
67 to 89
H
88,89
Supply
90, 91
Supply
90, 91
A
92, 93
A
92-100
H
94 to 100
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com