Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 37Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 38Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 39Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 40Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 41Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 42Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 43Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 44Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 41 of 109
00054AH
USART8 - Serial RX Register
RDR8
R
00054BH
USART8 - Serial Status Register
SSR8
R/W
00054CH
USART8 - Ext. Control/Com. Register
ECCR8
R/W
00054DH
USART8 - Ext. Status Com. Register
ESCR8
R/W
00054EH
USART8 - Baud Rate Generator Register Low
BGRL8
BGR8
R/W
00054FH
USART8 - Baud Rate Generator Register High
BGRH8
R/W
000550H
USART8 - Extended Serial Interrupt Register
ESIR8
R/W
000551H
Reserved
-
000552H
USART9 - Serial Mode Register
SMR9
R/W
000553H
USART9 - Serial Control Register
SCR9
R/W
000554H
USART9 - Serial TX Register
TDR9
W
000554H
USART9 - Serial RX Register
RDR9
R
000555H
USART9 - Serial Status Register
SSR9
R/W
000556H
USART9 - Ext. Control/Com. Register
ECCR9
R/W
000557H
USART9 - Ext. Status Com. Register
ESCR9
R/W
000558H
USART9 - Baud Rate Generator Register Low
BGRL9
BGR9
R/W
000559H
USART9 - Baud Rate Generator Register High
BGRH9
R/W
00055AH
USART9 - Extended Serial Interrupt Register
ESIR9
R/W
00055BH-00055FH
Reserved
-
000560H
ALARM0 - Control Status Register
ACSR0
R/W
000561H
ALARM0 - Extended Control Status Register
AECSR0
R/W
000562H
ALARM1 - Control Status Register
ACSR1
R/W
000563H
ALARM1 - Extended Control Status Register
AECSR1
R/W
000564H
PPG6 - Timer register
PTMR6
R
000565H
PPG6 - Timer register
R
000566H
PPG6 - Period setting register
PCSR6
W
000567H
PPG6 - Period setting register
W
000568H
PPG6 - Duty cycle register
PDUT6
W
000569H
PPG6 - Duty cycle register
W
00056AH
PPG6 - Control status register Low
PCNL6
PCN6
R/W
00056BH
PPG6 - Control status register High
PCNH6
R/W
00056CH
PPG7 - Timer register
PTMR7
R
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com