Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 58 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 58 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 54Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 55Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 56Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 57Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 58Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 59Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 60Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 61Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 62Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 58 of 109
14. Electrical Characteristics
14.1
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage
VCC
VSS - 0.3
VSS + 6.0
V
AVCC
VSS - 0.3
VSS + 6.0
V
VCC = AVCC [1]
AD Converter voltage references
AVRH, AVRL VSS - 0.3
VSS + 6.0
V
AVCC AVRH, AVCC AVRL, AVRH
AVRL, AVRL
 AVSS
Input voltage
VI
VSS - 0.3
VSS + 6.0
V
VI VCC + 0.3V [2]
Output voltage
VO
VSS - 0.3
VSS + 6.0
V
VO VCC + 0.3V [2]
Maximum Clamp Current
ICLAMP
-4.0
+4.0
mA
Applicable to general purposeI/O pins [3]
Total Maximum Clamp Current
|ICLAMP|
-40
mA
Applicable to general purposeI/O pins [3]
“L” level maximum output current
IOL1
-
15
mA
Normal outputs with driving strength set to
5mA
“L” level average output current
IOLAV1
-
5
mA
Normal outputs with driving strength set to
5mA
“L” level maximum overall output current
IOL1
-
100
mA
Normal outputs
“L” level average overall output current
IOLAV1
-
50
mA
Normal outputs
”H” level maximum output current
IOH1
-
-15
mA
Normal outputs with driving strength set to
5mA
”H” level average output current
IOHAV1
-
-5
mA
Normal outputs with driving strength set to
5mA
”H” level maximum overall output current
IOH1
-
-100
mA
Normal outputs
”H” level average overall output current
IOHAV1
-
-50
mA
Normal outputs
Permitted Power dissipation (Flash devices in QFP
package) [4]
PD
-
430[5]
mW
TA=105oC
-
750[5]
mW
TA=90oC
-
540[5]
mW
TA=125oC, no Flash program/erase [6]
Permitted Power dissipation (MB96F346/F347/F348
in LQFP package) [4]
PD
-
375[5]
mW
TA=105oC
-
750[5]
mW
TA=85oC
-
470[5]
mW
TA=125oC, no Flash program/erase [6]
-
560[5]
mW
TA=120oC, no Flash program/erase [6]
Permitted Power dissipation (MB96F345 in LQFP
package) [4]
PD
-
335[5]
mW
TA=105oC
-
670[5]
mW
TA=85oC
-
840[5]
mW
TA=75oC
-
420[5]
mW
TA=125oC, no Flash program/erase [6]
-
590[5]
mW
TA=115oC, no Flash program/erase [6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com