Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 56Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 57Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 58Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 59Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 60Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 61Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 62Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 63Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 60 of 109
[4]: The maximum permitted power dissipation depends on the ambient temperature, the air flow velocity and the thermal
conductance of the package on the PCB.The actual power dissipation depends on the customer application and can be calculated
as follows:
PD = PIO + PINT
PIO = (VOL * IOL + VOH * IOH) (IO load power dissipation, sum is performed on all IO ports)
PINT = VCC * (ICC + IA) (internal power dissipation)
ICC is the total core current consumption into VCC as described in the “DC characteristics” and depends on the selected operation
mode and clock frequency and the usage of functions like Flash programming or the clock modulator.IA is the analog current
consumption into AVCC.
[5]: Worst case value for a package mounted on single layer PCB at specified TA without air flow.
[6]: Please contact Cypress for reliability limitations when using under these conditions.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in
excess of absolute maximum ratings. Do not exceed any of these ratings.
14.2
Recommended Operating Conditions
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor
device. All of the device's electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation outside these
ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet.
Users considering application outside the listed conditions are advised to contact their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VCC
3.0
-
5.5
V
Smoothing capacitor at C pin
CS
3.5
4.7 - 10
15
F
Use a low inductance capacitor
(for example X7R ceramic capacitor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com