Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 42Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 43Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 44Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 45Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 46Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 47Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 48Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 49Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 46 of 109
000715H
CAN0 - IF1 Mask 1 Register High
IF1MSK1H0
R/W
000716H
CAN0 - IF1 Mask 2 Register Low
IF1MSK2L0
IF1MSK20
R/W
000717H
CAN0 - IF1 Mask 2 Register High
IF1MSK2H0
R/W
000718H
CAN0 - IF1 Arbitration 1 Register Low
IF1ARB1L0
IF1ARB10
R/W
000719H
CAN0 - IF1 Arbitration 1 Register High
IF1ARB1H0
R/W
00071AH
CAN0 - IF1 Arbitration 2 Register Low
IF1ARB2L0
IF1ARB20
R/W
00071BH
CAN0 - IF1 Arbitration 2 Register High
IF1ARB2H0
R/W
00071CH
CAN0 - IF1 Message Control Register Low
IF1MCTRL0
IF1MCTR0
R/W
00071DH
CAN0 - IF1 Message Control Register High
IF1MCTRH0
R/W
00071EH
CAN0 - IF1 Data A1 Low
IF1DTA1L0
IF1DTA10
R/W
00071FH
CAN0 - IF1 Data A1 High
IF1DTA1H0
R/W
000720H
CAN0 - IF1 Data A2 Low
IF1DTA2L0
IF1DTA20
R/W
000721H
CAN0 - IF1 Data A2 High
IF1DTA2H0
R/W
000722H
CAN0 - IF1 Data B1 Low
IF1DTB1L0
IF1DTB10
R/W
000723H
CAN0 - IF1 Data B1 High
IF1DTB1H0
R/W
000724H
CAN0 - IF1 Data B2 Low
IF1DTB2L0
IF1DTB20
R/W
000725H
CAN0 - IF1 Data B2 High
IF1DTB2H0
R/W
000726H-00073FH
Reserved
-
000740H
CAN0 - IF2 Command request register Low
IF2CREQL0
IF2CREQ0
R/W
000741H
CAN0 - IF2 Command request register High
IF2CREQH0
R/W
000742H
CAN0 - IF2 Command Mask register Low
IF2CMSKL0
IF2CMSK0
R/W
000743H
CAN0 - IF2 Command Mask register High (reserved)
IF2CMSKH0
R
000744H
CAN0 - IF2 Mask 1 Register Low
IF2MSK1L0
IF2MSK10
R/W
000745H
CAN0 - IF2 Mask 1 Register High
IF2MSK1H0
R/W
000746H
CAN0 - IF2 Mask 2 Register Low
IF2MSK2L0
IF2MSK20
R/W
000747H
CAN0 - IF2 Mask 2 Register High
IF2MSK2H0
R/W
000748H
CAN0 - IF2 Arbitration 1 Register Low
IF2ARB1L0
IF2ARB10
R/W
000749H
CAN0 - IF2 Arbitration 1 Register High
IF2ARB1H0
R/W
00074AH
CAN0 - IF2 Arbitration 2 Register Low
IF2ARB2L0
IF2ARB20
R/W
00074BH
CAN0 - IF2 Arbitration 2 Register High
IF2ARB2H0
R/W
00074CH
CAN0 - IF2 Message Control Register Low
IF2MCTRL0
IF2MCTR0
R/W
00074DH
CAN0 - IF2 Message Control Register High
IF2MCTRH0
R/W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com