Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 67Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 68Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 69Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 70Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 71Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 72Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 73Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 74Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 71 of 109
14.4.2 Internal Clock timing
14.4.3 External Reset timing
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Core Voltage Settings
Unit
Remarks
1.8V
1.9V
Min
Max
Min
Max
Internal System clock frequency
(CLKS1 and CLKS2)
fCLKS1, fCLKS2
0
92
0
96
MHz
Others than below
0
86
0
96
MHz
MB96F348T/H/CxB/C
0
72080
MHz
MB96F345
0
68
0
74
MHz
MB96F34xY/R/Axx
Internal CPU clock frequency (CLKB),
internal peripheral clock frequency
(CLKP1)
fCLKB, fCLKP1
0
52
0
56
MHz
Others than below
0
36040
MHz
MB96F345
Internal peripheral clock frequency
(CLKP2)
fCLKP2
0
28
0
32
MHz
Others than below
0
26
0
28
MHz
MB96F34xY/R/Axx
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Reset input time
tRSTL
RSTX
500
-
-
ns
0.2 VCC
RSTX
tRSTL
0.2 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com