Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 62 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 62 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 58Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 59Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 60Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 61Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 62Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 63Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 64Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 65Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 66Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 62 of 109
Output L voltage
VOL2
Normal
outputs
4.5V
VCC  5.5V
IOL = +2mA
-
-
0.4
V
Driving strength set to 2mA
3.0V
VCC  4.5V
IOL = +1.6mA
VOL5
Normal
outputs
4.5V
VCC  5.5V
IOL = +5mA
-
-
0.4
V
Driving strength set to 5mA
3.0V
VCC  4.5V
IOL = +3mA
VOL3
3mA outputs
3.0V
VCC  5.5V
IOL = +3mA
--
0.4
V
Input leak current
IIL
Pnn_m
VSS < VI < VCC
AVSS, AVRL < VI <
AVCC, AVRH
-1
-
+1
A
Single port pin
Pull-up resistance
RUP
Pnn_m, RSTX
VCC  3.3V  10
40
100
160
k
VCC  5.0V  10
25
50
100
k
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com