Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB96F348CWCPMC-GSE2 Datasheet HTML 1Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 2Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 3Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 4Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 5Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 6Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 7Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 8Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 3 of 109
I2C
■ Up to 400 kbps
■ Master and Slave functionality, 8-bit and 10-bit addressing
A/D converter
■ SAR-type
■ 10-bit resolution
■ Signals interrupt on conversion end, single conversion mode, continuous conversion mode, stop conversion
mode, activation by software, external trigger or reload timer
A/D Converter Reference Volt-
age switch
■ 2 independent positive A/D converter reference voltages available
Reload Timers
■ 16-bit wide
■ Prescaler with 1/21, 1/22, 1/23, 1/24, 1/25, 1/26 of peripheral clock frequency
■ Event count function
Free Running Timers
■ Signals an interrupt on overflow, supports timer clear upon match with Output Compare (0, 4), Prescaler
with 1, 1/21, 1/22, 1/23, 1/24, 1/25, 1/26, 1/27,1/28 of peripheral clock frequency
Input Capture Units
■ 16-bit wide
■ Signals an interrupt upon external event
■ Rising edge, falling edge or rising & falling edge sensitive
Output Compare Units
■ 16-bit wide
■ Signals an interrupt when a match with 16-bit I/O Timer occurs
■ A pair of compare registers can be used to generate an output signal.
Programmable Pulse Genera-
tor
■ 16-bit down counter, cycle and duty setting registers
■ Interrupt at trigger, counter borrow and/or duty match
■ PWM operation and one-shot operation
■ Internal prescaler allows 1, 1/4, 1/16, 1/64 of peripheral clock as counter clock and Reload timer overflow
as clock input
■ Can be triggered by software or reload timer
Real Time Clock
■ Can be clocked either from sub oscillator (devices with part number suffix “W”), main oscillator or from the
RC oscillator
■ Facility to correct oscillation deviation of Sub clock or RC oscillator clock (clock calibration)
■ Read/write accessible second/minute/hour registers
■ Can signal interrupts every half second/second/minute/hour/day
■ Internal clock divider and prescaler provide exact 1s clock
External Interrupts
■ Edge sensitive or level sensitive
■ Interrupt mask and pending bit per channel
■ Each available CAN channel RX has an external interrupt for wake-up
■ Selected USART channels SIN have an external interrupt for wake-up
Non Maskable Interrupt
■ Disabled after reset
■ Once enabled, can not be disabled other than by reset.
■ Level high or level low sensitive
■ Pin shared with external interrupt 0.
External bus interface
■ 8-bit or 16-bit bidirectional data
■ Up to 24-bit addresses
■ 6 chip select signals
■ Multiplexed address/data lines
■ Wait state request
■ External bus master possible
■ Timing programmable
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com