Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 49Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 50Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 51Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 52Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 53Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 54Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 55Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 56Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 53 of 109
60
30CH
ICU4
Yes
60
Input Capture Unit 4
61
308H
ICU5
Yes
61
Input Capture Unit 5
62
304H
ICU6
Yes
62
Input Capture Unit 6
63
300H
ICU7
Yes
63
Input Capture Unit 7
64
2FCH
OCU0
Yes
64
Output Compare Unit 0
65
2F8H
OCU1
Yes
65
Output Compare Unit 1
66
2F4H
OCU2
Yes
66
Output Compare Unit 2
67
2F0H
OCU3
Yes
67
Output Compare Unit 3
68
2ECH
OCU4
Yes
68
Output Compare Unit 4
69
2E8H
OCU5
Yes
69
Output Compare Unit 5
70
2E4H
OCU6
Yes
70
Output Compare Unit 6
71
2E0H
OCU7
Yes
71
Output Compare Unit 7
72
2DCH
FRT0
Yes
72
Free Running Timer 0
73
2D8H
FRT1
Yes
73
Free Running Timer 1
74
2D4H
IIC0
Yes
74
I2C interface
75
2D0H
IIC1
Yes
75
I2C interface
76
2CCH
ADC0
Yes
76
A/D Converter
77
2C8H
ALARM0
No
77
Alarm Comparator 0 (except MB96F345Dyy or
MB96F345Fyy)
78
2C4H
ALARM1
No
78
Alarm Comparator 1 (except MB96F345Dyy or
MB96F345Fyy)
79
2C0H
LINR0
Yes
79
LIN USART 0 RX
80
2BCH
LINT0
Yes
80
LIN USART 0 TX
81
2B8H
LINR1
Yes
81
LIN USART 1 RX
82
2B4H
LINT1
Yes
82
LIN USART 1 TX
83
2B0H
LINR2
Yes
83
LIN USART 2 RX
84
2ACH
LINT2
Yes
84
LIN USART 2 TX
85
2A8H
LINR3
Yes
85
LIN USART 3 RX
86
2A4H
LINT3
Yes
86
LIN USART 3 TX
87
2A0H
FLASH_A
No
87
Flash memory A (only Flash devices)
88
29CH
FLASH_B
No
88
Flash memory B
(only MB96F348T/H/C)
89
298H
LINR7
Yes
89
LIN USART 7 RX
Table 5: Interrupt vector table MB96(F)34x
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared
by DMA
Index in
ICR to pro-
gram
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com