Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 20Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 21Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 22Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 23Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 24Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 25Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 26Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 27Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 24 of 109
11. I/O Map
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access
000000H
I/O Port P00 - Port Data Register
PDR00
R/W
000001H
I/O Port P01 - Port Data Register
PDR01
R/W
000002H
I/O Port P02 - Port Data Register
PDR02
R/W
000003H
I/O Port P03 - Port Data Register
PDR03
R/W
000004H
I/O Port P04 - Port Data Register
PDR04
R/W
000005H
I/O Port P05 - Port Data Register
PDR05
R/W
000006H
I/O Port P06 - Port Data Register
PDR06
R/W
000007H
I/O Port P07 - Port Data Register
PDR07
R/W
000008H
I/O Port P08 - Port Data Register
PDR08
R/W
000009H
I/O Port P09 - Port Data Register
PDR09
R/W
00000AH
I/O Port P10 - Port Data Register
PDR10
R/W
00000BH-000017H
Reserved
-
000018H
ADC0 - Control Status register Low
ADCSL
ADCS
R/W
000019H
ADC0 - Control Status register High
ADCSH
R/W
00001AH
ADC0 - Data Register Low
ADCRL
ADCR
R
00001BH
ADC0 - Data Register High
ADCRH
R
00001CH
ADC0 - Setting Register
ADSR
R/W
00001DH
ADC0 - Setting Register
R/W
00001EH
ADC0 - Extended Configuration Register
ADECR
R/W
00001FH
Reserved
-
000020H
FRT0 - Data register of free-running timer
TCDT0
R/W
000021H
FRT0 - Data register of free-running timer
R/W
000022H
FRT0 - Control status register of free-running timer Low
TCCSL0
TCCS0
R/W
000023H
FRT0 - Control status register of free-running timer High
TCCSH0
R/W
000024H
FRT1 - Data register of free-running timer
TCDT1
R/W
000025H
FRT1 - Data register of free-running timer
R/W
000026H
FRT1 - Control status register of free-running timer Low
TCCSL1
TCCS1
R/W
000027H
FRT1 - Control status register of free-running timer High
TCCSH1
R/W
000028H
OCU0 - Output Compare Control Status
OCS0
R/W
000029H
OCU1 - Output Compare Control Status
OCS1
R/W
00002AH
OCU0 - Compare Register
OCCP0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com