Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 89 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 89 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 85Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 86Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 87Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 88Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 89Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 90Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 91Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 92Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 93Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 89 of 109
14.5.1
Definition of A/D Converter Terms
■ Resolution: Analog variation that is recognized by an A/D converter.
■ Total error: Difference between the actual value and the ideal value. The total error includes zero transition error, full-scale transition
error and nonlinearity error.
■ Nonlinearity error: Deviation between a line across zero-transition line (“00 0000 0000” <--> “00 0000 0001”) and full-scale transition
line (“11 1111 1110” <--> “11 1111 1111”) and actual conversion characteristics.
■ Differential nonlinearity error: Deviation of input voltage, which is required for changing output code by 1 LSB, from an ideal value.
■ Zero reading voltage: Input voltage which results in the minimum conversion value.
■ Full scale reading voltage: Input voltage which results in the maximum conversion value.
3FF
3FE
3FD
004
003
002
001
AVRL
AVRH
VNT
1.5 LSB
0.5 LSB
{1 LSB
× (N − 1) + 0.5 LSB}
Actual conversion
characteristics
(Actually-measured value)
Actual conversion
characteristics
Ideal characteristics
Analog input
Total error of digital output “N”
VNT  {1 LSB  (N  1)  0.5 LSB}
1 LSB
[LSB]
1 LSB
 (Ideal value)
AVRH
 AVRL
1024
[V]
VOT (Ideal value)  AVRL  0.5 LSB [V]
VFST (Ideal value)  AVRH  1.5 LSB [V]
VNT : A voltage at which digital output transitions from (N  1) to N.
Total error
N: A/D converter digital output value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com