Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 44Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 45Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 46Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 47Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 48Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 49Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 50Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 51Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 48 of 109
000801H
CAN1 - Control register High (reserved)
CTRLRH1
R
000802H
CAN1 - Status register Low
STATRL1
STATR1
R/W
000803H
CAN1 - Status register High (reserved)
STATRH1
R
000804H
CAN1 - Error Counter Low (Transmit)
ERRCNTL1
ERRCNT1
R
000805H
CAN1 - Error Counter High (Receive)
ERRCNTH1
R
000806H
CAN1 - Bit Timing Register Low
BTRL1
BTR1
R/W
000807H
CAN1 - Bit Timing Register High
BTRH1
R/W
000808H
CAN1 - Interrupt Register Low
INTRL1
INTR1
R
000809H
CAN1 - Interrupt Register High
INTRH1
R
00080AH
CAN1 - Test Register Low
TESTRL1
TESTR1
R/W
00080BH
CAN1 - Test Register High (reserved)
TESTRH1
R
00080CH
CAN1 - BRP Extension register Low
BRPERL1
BRPER1
R/W
00080DH
CAN1 - BRP Extension register High (reserved)
BRPERH1
R
00080EH-00080FH
Reserved
-
000810H
CAN1 - IF1 Command request register Low
IF1CREQL1
IF1CREQ1
R/W
000811H
CAN1 - IF1 Command request register High
IF1CREQH1
R/W
000812H
CAN1 - IF1 Command Mask register Low
IF1CMSKL1
IF1CMSK1
R/W
000813H
CAN1 - IF1 Command Mask register High (reserved)
IF1CMSKH1
R
000814H
CAN1 - IF1 Mask 1 Register Low
IF1MSK1L1
IF1MSK11
R/W
000815H
CAN1 - IF1 Mask 1 Register High
IF1MSK1H1
R/W
000816H
CAN1 - IF1 Mask 2 Register Low
IF1MSK2L1
IF1MSK21
R/W
000817H
CAN1 - IF1 Mask 2 Register High
IF1MSK2H1
R/W
000818H
CAN1 - IF1 Arbitration 1 Register Low
IF1ARB1L1
IF1ARB11
R/W
000819H
CAN1 - IF1 Arbitration 1 Register High
IF1ARB1H1
R/W
00081AH
CAN1 - IF1 Arbitration 2 Register Low
IF1ARB2L1
IF1ARB21
R/W
00081BH
CAN1 - IF1 Arbitration 2 Register High
IF1ARB2H1
R/W
00081CH
CAN1 - IF1 Message Control Register Low
IF1MCTRL1
IF1MCTR1
R/W
00081DH
CAN1 - IF1 Message Control Register High
IF1MCTRH1
R/W
00081EH
CAN1 - IF1 Data A1 Low
IF1DTA1L1
IF1DTA11
R/W
00081FH
CAN1 - IF1 Data A1 High
IF1DTA1H1
R/W
000820H
CAN1 - IF1 Data A2 Low
IF1DTA2L1
IF1DTA21
R/W
000821H
CAN1 - IF1 Data A2 High
IF1DTA2H1
R/W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com