Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CWCPMC-GSE2 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # MB96F348CWCPMC-GSE2
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F348CWCPMC-GSE2 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button MB96F348CWCPMC-GSE2 Datasheet HTML 31Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 32Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 33Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 34Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 35Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 36Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 37Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 38Page - Cypress Semiconductor MB96F348CWCPMC-GSE2 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 35 of 109
0003D9H
Memory Patch function - Patch data 4 High
PFDH4
R/W
0003DAH
Memory Patch function - Patch data 5 Low
PFDL5
PFD5
R/W
0003DBH
Memory Patch function - Patch data 5 High
PFDH5
R/W
0003DCH
Memory Patch function - Patch data 6 Low
PFDL6
PFD6
R/W
0003DDH
Memory Patch function - Patch data 6 High
PFDH6
R/W
0003DEH
Memory Patch function - Patch data 7 Low
PFDL7
PFD7
R/W
0003DFH
Memory Patch function - Patch data 7 High
PFDH7
R/W
0003E0H
Data Flash Control and Status register A
DFCSA
R/W
0003E1H
Data Flash Write command sequencer Control register A
DFWCA
R/W
0003E2H
Data Flash Write command sequencer Status register A
DFWSA
R/W
0003E3H-0003F0H
Reserved
-
0003F1H
Memory Control Status Register A
MCSRA
R/W
0003F2H
Memory Timing Configuration Register A Low
MTCRAL
MTCRA
R/W
0003F3H
Memory Timing Configuration Register A High
MTCRAH
R/W
0003F4H
Reserved
-
0003F5H
Memory Control Status Register B
MCSRB
R/W
0003F6H
Memory Timing Configuration Register B Low
MTCRBL
MTCRB
R/W
0003F7H
Memory Timing Configuration Register B High
MTCRBH
R/W
0003F8H
Flash Memory Write Control register 0
FMWC0
R/W
0003F9H
Flash Memory Write Control register 1
FMWC1
R/W
0003FAH
Flash Memory Write Control register 2
FMWC2
R/W
0003FBH
Flash Memory Write Control register 3
FMWC3
R/W
0003FCH
Flash Memory Write Control register 4
FMWC4
R/W
0003FDH
Flash Memory Write Control register 5
FMWC5
R/W
0003FEH-0003FFH
Reserved
-
000400H
Standby Mode control register
SMCR
R/W
000401H
Clock select register
CKSR
R/W
000402H
Clock Stabilization select register
CKSSR
R/W
000403H
Clock monitor register
CKMR
R
000404H
Clock Frequency control register Low
CKFCRL
CKFCR
R/W
000405H
Clock Frequency control register High
CKFCRH
R/W
000406H
PLL Control register Low
PLLCRL
PLLCR
R/W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com