Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 108 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 108 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 104Page - Exar Corporation XRT7250 Datasheet HTML 105Page - Exar Corporation XRT7250 Datasheet HTML 106Page - Exar Corporation XRT7250 Datasheet HTML 107Page - Exar Corporation XRT7250 Datasheet HTML 108Page - Exar Corporation XRT7250 Datasheet HTML 109Page - Exar Corporation XRT7250 Datasheet HTML 110Page - Exar Corporation XRT7250 Datasheet HTML 111Page - Exar Corporation XRT7250 Datasheet HTML 112Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
89
Bits 3 - 0 F-Bit Mask[27:24]
These Read/Write bit-fields permit the user to insert
errors into the first four F-bits of a DS3 M-frame, for
test and diagnostic purposes. The Transmit DS3
Framer block automatically performs an XOR opera-
tion on the actual contents of these F-bit fields to
these register bit-fields. Therefore, for every "1" that
exists in these bit-fields, this will result in a change of
state for the corresponding F-bit, prior to being trans-
mitted to the Far-End Receive DS3 Framer.
If the Transmit DS3 Framer is to be operated in the
normal mode (e.g., when no errors are being injected
into these F-bit fields of the outbound DS3 frames),
then all of these bit-fields must be "0’s".
2.3.5.8
Transmit DS3 F-Bit Mask Register - 2
(DS3 Applications)
Bits 7 - 0 F-Bit Mask[23:16]
These Read/Write bit-fields permit the user to insert
errors into the fifth through twelfth F-bits of a DS3 M-
frame, for test and diagnostic purposes. The Trans-
mit DS3 Framer block automatically performs an XOR
operation on the actual contents of these F-bit fields
to these register bit-fields. Therefore, for every "1"
that exists in these bit-fields, this will result in a
change of state for the corresponding F-bit, prior to
being transmitted to the Remote Terminal Equipment.
If the Transmit DS3 Framer block is to be operated in
the normal mode (e.g., when no errors are being in-
jected into these F-bit fields of the outbound DS3
frames), then all of these bit-fields must be "0’s".
2.3.5.9
Transmit F-Bit Mask Register - 3 (DS3
Applications)
Bits 7 - 0 F-Bit Mask[15:8]
These Read/Write bit-fields permit the user to insert
errors into the thirteenth through twentieth F-bits of a
DS3 M-frame, for test and diagnostic purposes. The
Transmit DS3 Framer block automatically performs an
XOR operation on the actual contents of these F-bit
fields to these register bit-fields. Therefore, for every
"1" that exists in these bit-fields, this will result in a
change of state for the corresponding F-bit, prior to
being transmitted to the Remote Terminal Equipment.
If the Transmit DS3 Framer block is to be operated in
the normal mode (e.g., when no errors are being in-
jected into these F-bit fields of the outbound DS3
frames), then all of these bit-fields must be "0’s".
2.3.5.10 Transmit F-Bit Mask Register - 4 (DS3
Applications)
TXDS3 F-BIT MASK REGISTER - 1 (ADDRESS = 0X36)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FBit Mask[27] FBit Mask[26] FBit Mask[25] FBit Mask[24]
RO
RO
RO
RO
R/W
R/W
R/W
R/W
0
0000
000
TXDS3 F-BIT MASK REGISTER - 2 (ADDRESS = 0X37)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
FBit Mask[23] FBit Mask[22] FBit Mask[21] FBit Mask[20] FBit Mask[19] FBit Mask[18] FBit Mask[17] FBit Mask[16]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000
TXDS3 F-BIT MASK REGISTER - 3 (ADDRESS = 0X38)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
FBit Mask[15] FBit Mask[14] FBit Mask[13] FBit Mask[12] FBit Mask[11] FBit Mask[10]
FBit Mask[9]
FBit Mask[8]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com