Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 117 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 117 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 113Page - Exar Corporation XRT7250 Datasheet HTML 114Page - Exar Corporation XRT7250 Datasheet HTML 115Page - Exar Corporation XRT7250 Datasheet HTML 116Page - Exar Corporation XRT7250 Datasheet HTML 117Page - Exar Corporation XRT7250 Datasheet HTML 118Page - Exar Corporation XRT7250 Datasheet HTML 119Page - Exar Corporation XRT7250 Datasheet HTML 120Page - Exar Corporation XRT7250 Datasheet HTML 121Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
98
This Read/Write byte-field, along with the Tx TTB-0
through Tx TTB-11 and Tx TTB-13 through Tx TTB-
15 registers allows a user to define a Trail Access
Point Identifier sequence of bytes, that will be trans-
mitted to the Far-End Terminal. The Far-End Receiv-
ing Terminal will use this sequence of bytes to verify
that it is connected to the proper Transmitting Termi-
nal. The Transmit E3 Framer will take the contents of
these 16 registers, and insert them into the TR byte of
the outbound E3 frame. In the thirteenth of a set of
16 E3 Frames, the Transmit E3 Framer will read in the
contents of this register, and insert it into the TR byte-
field, within the very next outbound E3 frame.
The contents of this register, along with Tx TTB-1
through Tx TTB-11 and Tx TTB-13 through Tx TTB-
15 are used to transmit 15 ASCII characters required
for the E.164 numbering format.
2.3.6.20 Transmit E3 TTB-13 Register (E3, ITU-T
G.832)
This Read/Write byte-field, along with the Tx TTB-0
through Tx TTB-12, Tx-TTB-14, and Tx TTB-15 regis-
ters allows a user to define a Trail Access Point Iden-
tifier sequence of bytes, that will be transmitted to the
Far-End Terminal. The Far-End Receiving Terminal
will use this sequence of bytes to verify that it is con-
nected to the proper Transmitting Terminal. The
Transmit E3 Framer will take the contents of these 16
registers, and insert them into the TR byte of the out-
bound E3 frame. In the fourteenth of a set of 16 E3
Frames, the Transmit E3 Framer will read in the con-
tents of this register, and insert it into the TR byte-
field, within the very next outbound E3 frame.
The contents of this register, along with Tx TTB-1
through Tx TTB-12, Tx TTB-14 and Tx TTB-15 are
used to transmit 15 ASCII characters required for the
E.164 numbering format.
2.3.6.21 Transmit E3 TTB-14 Register (E3, ITU-T
G.832)
This Read/Write byte-field, along with the Tx TTB-0
through Tx TTB-13 and Tx TTB-15 registers allows a
user to define a Trail Access Point Identifier sequence
of bytes, that will be transmitted to the Far-End Termi-
nal. The Far-End Receiving Terminal will use this se-
quence of bytes to verify that it is connected to the
proper Transmitting Terminal. The Transmit E3 Fram-
er will take the contents of these 16 registers, and in-
sert them into the TR byte of the outbound E3 frame.
In the fifteenth of a set of 16 E3 Frames, the Transmit
E3 Framer will read in the contents of this register,
and insert it into the TR byte-field, within the very next
outbound E3 frame.
TXE3 TTB-12 REGISTER (ADDRESS = 0X44)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
TxTTB-12[7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
TXE3 TTB-13 REGISTER (ADDRESS = 0X45)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
TxTTB-13[7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
TXE3 TTB-14 REGISTER (ADDRESS = 0X46)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
TxTTB-14[7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com