Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 98Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 99Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 100Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 101Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 102Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 103Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 104Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 105Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-96
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Additional CRTC Extended Registers
CR51 – Bus Grant Termination Control.........................RW
7-0
Bus Grant Termination Position
This regiester is active if CR52[6] = 1
CR52 – Shared Frame Buffer Control ............................RW
7, 5
Shared Frame Buffer (SFB)
00 Disable ...................................................default
01 Enable SFB slave mode 1 (8ma I/O buffer)
10 Enable SFB master mode
11 Enable SFB slave mode 2 (16ma I/O buffer)
6
Bus Grant Termination Position Control
0
Disable ...................................................default
1Enable
4
Reserved
........................................ always reads 0
3-0
Bus Grant Low Pulse (MCLKs) ...........def = 0010b
CR55 – PCI Retry Control ...............................................RW
7
PCI Retry in Memory Write Command
0
Disable ...................................................default
1Enable
6
PCI Retry in Memory Read Command
0
Disable ...................................................default
1Enable
5-0
Number of PCICLKs * 2 for STOP#....... def = 0Fh
Number of PCICLKs, multiplied by 2, for generating
STOP# during the first data phase
CR56 – Display Pre-end Fetch Control ...........................RW
7-2
Reserved
........................................ always reads 0
1
Display Queue Pre-end Fetch
0
Disable ...................................................default
1Enable
0
Display Queue Pre-end Fetch Parameter Bit-8
Used with CR57 ......................................... default = 0
CR57 – Display Pre-end Fetch Parameter ......................RW
7-0
Display Queue Pre-end Fetch Parameter Bit-8
Used with CR56[0] .....................................default n/a
CR5E – Capture / ZV Port Control ................................ RW
7
Capture Idle ......................................................... RO
6
Capture Command Port
0
Disable................................................... default
1
Enable new command port (2203-2200h)
5-3
Reserved
........................................ always reads 0
2
PCI I/O Write Retry
0
Disable................................................... default
1Enable
1
PCI I/O Read Retry
0
Disable................................................... default
1Enable
0
Capture Interface
0
Disable................................................... default
1Enable
This bit is protected by SRE_New[7]
CR5F – Test Control ........................................................ RW
7
Internal Control Test Output
0
Normal................................................... default
1
Internal control signals are output to P15-0
P15
GEREQ
P14
GEBUSY
P13
CMDIN
P12
GEWAIT
P11
CMATCH
P10
KGECYC
P9
WBMT
P8
GERTRY
P7
BLANKTV
P6
WRSTY
P5
WRSTU
P4
WRSTV
P3
WRST1
P2
Y0EN
P1
UEN
P0
YUVEN
6
Capture Input Interrupt Polarity Select
0
Normal................................................... default
1
Test data is output to pixel bus P15-0
5-1
Reserved
........................................ always reads 0
0
Stop DISPQ REQ Test
0
Normal................................................... default
1
Stop DISPQ REQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com