Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-30-
Register Summary Tables
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Extended Registers – VGA Graphics Controller Indexed
Port
Index Extd Graphics Ctrlr Regs
Default
Acc
3CE/F
E
Old / New Src Segment Addr
00
RW
3CE/F
F
Misc Extended Function Ctrl
00
RW
3CE/F 10-1F -reserved-
—
—
3CE/F 20-2F Power Management Regs
20
Standby Timer Control
0xxx0000b RW
21
Power Management Control 1
00
RW
22
Power Management Control 2
00
RW
23
Power Status
—
RW
24
Soft Power Control
E0
RW
25
Power Control Select
FF
RW
26
DPMS Control
00
RW
28-27 GPIO Control
0000
RW
29
-reserved-
—
—
2A
Suspend Pin Timer
00
RW
2B
-reserved-
—
—
2C
Miscellaneous Pin Control
00
RW
2D-2E -reserved-
—
—
2F
Miscellaneous Internal Ctrl
00
RW
3CE/F 30-5A -reserved-
—
—
3CE/F 5A-5F Scratch Pad 0-5
—
RW
3CE/F 60-7F -reserved-
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com