Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-37-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Offset 52 – Dynamic Defer Timer (10h) ...........RW
7
GTL I/O Buffer Pullup ...........default = MA13 Strap
0
Disable
1Enable
The default value of this bit is determined by a strap
on the MA13 pin during reset.
6
RAW Write Retire After 2 Writes
0
Disable ...................................................default
1Enable
5
Reserved
........................................ always reads 0
4-0
Snoop Stall Count
00 Disable dynamic defer
01-1F Snoop stall count ........................ default = 10h
Device 0 Offset 53 – Miscellaneous (00h)........................ RW
7
HREQ Function
0
Disable................................................... default
1Enable
6
DRAM Frequency Higher Than CPU FSB
0
Disable................................................... default
1Enable
Setting this bit enables the DRAM subsystem to run at
a higher frequency than the CPU FSB frequency.
When setting this bit, register bit Rx69[6] must also be
set and only SDRAM memory type DIMM modules
may be installed.
An EDO / SDRAM mix in the
DRAM subsystem is not supported in this case.
5
AGP/PCI-to-CPU Master / CPU-to-PCI Slave
Concurrency
0
Disable................................................... default
1Enable
4
HPRI Function
0
Disable................................................... default
1Enable
3
P6Lock Function
0
Disable................................................... default
1Enable
2
P6Lock
0
Disable................................................... default
1Enable
1-0
Reserved
........................................ always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com