Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-31-
Register Summary Tables
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Extended Registers – VGA CRT Controller Indexed
Port
Index Extended CRTC Registers
Default
Acc
3x5
0E
CRT Module Test
00
RW
3x5
19
CRT Interlace Control
—
RW
3x5
1A
Arbitration Control 1
00
RW
3x5
1B
Arbitration Control 2
00
RW
3x5
1C
Arbitration Control 3
00
RW
3x5
1D-1E -reserved-
—
—
3x5
1F
Software Programming
—RW
3x5
20
Command FIFO
00
RW
3x5
21
Linear Addressing
00
RW
3x5
22
CPU Latch Readback
—
RO
3x5
23
-reserved-
—
—
3x5
24
VGA Attribute State
—
RO
3x5
25
RAMDAC RW Timing
0F
RW
3x5
26
-reserved-
—
—
3x5
27
CRT High Order Start
00
RW
3x5
28
-reserved-
—
—
3x5
29
RAMDAC Mode
00
RW
3x5
2A
In terface Select
10
RW
3x5
2B
Horiz. Parameter Overflow
00
RW
3x5
2C
-reserved-
—
—
3x5
2D
GE Timing Control
00
RW
3x5
2E
-reserved-
—
—
3x5
2F
Performance Tuning
03
RW
3x5
30-33 -reserved-
—
—
3x5
35-34 GE IO Linear Address Base
0000
RW
3x5
36
Graphics / Video Engine Ctrl
00
RW
3x5
37
I
2C Control
82
RW
3x5
38
Pixel Bus Mode
00
RW
3x5
39
PCI Interface Control
0000000nb RW
3x5
3A
Physical Address Control
00
RW
3x5
3B
Clock and Tuning
0n000001b RW
3x5
3C
Misc Control
00
RW
3x5
3D-3F -reserved-
—
—
3x5
40-50 Hardware Cursor Registers
43-40 HW Cursor Position
—
RW
45-44 HW Cursor Pattern Location
—
RW
47-46 HW Cursor Offset
—
RW
4F-48 HW Cursor Color
—
RW
50
HW Cursor Control
—
RW
3x5
51
Bus Grant Termination Ctrl
—
RW
3x5
52
Shared Frame Buffer Ctrl
000x0010b RW
3x5
53-54 -reserved-
—
—
3x5
55
PCI Retry Control
0F
RW
3x5
56
Display Pre-end Control
00
RW
3x5
57
Display Pre-end Fetch Param.
—
RW
3x5
58-5D -reserved-
—
—
3x5
5E
Capture / ZV Port Control
x0000000b RW
3x5
5F
Test Control
00
RW
3x5
60-61 -reserved-
—
—
3x5
62
Enhancement 0
04
RW
3x5
63
Enhancement 1
00
RW
3x5
64
DPA Extra
—
RW
3x5
65-7F -reserved-
—
—
Port
Index Extended CRTC Registers
Default
Acc
3x5
80-BF Video / Capture Engine
81-80 Horiz Scaling Factor (W1)
—RW
83-82 Vert Scaling Factor (W1)
—RW
85-84 -reserved-
—
—
89-86 Video Window Start (W1)
—RW
8D-8A Video Window End
—
RW
8F-8E Video Display Engine Flag
—
RW
91-90 Row Byte Offset (W1, W1-Y)
—RW
94-92 Vid Start Addr (W1-Y or W1)
—RW
95
Vid Win Line Buffer Thresh
—
RW
96
Line Buf Lev Ctl (W1-Y, W1)
—RW
97
Video Display Engine Flag
—RW
9A-98 Capture Video Start Address
—
RW
9B
Video Display Status
—
RW
9C
Capture Control 1
—
RW
9D
Capture Control 2
—
RW
9E
Capture Control 3
—
RW
9F
Capture Control 4
—
RW
A1-A0 Capture Vertical Total
—
RW
A3-A2 Capture Horizontal Total
—
RW
A5-A4 Capture Vertical Start
—
RW
A7-A6 Capture Vertical End
—
RW
A9-A8 Capture Horizontal Start
—
RW
AB- Capture Horizontal End
—
RW
AC
Capture Vert Sync Pulse
—
RW
AD
Capture Horiz Sync Pulse
—
RW
AE
Capture CRTC Control
—
RW
AF
Capture CRTC Control
—
RW
B1-B0 Capture Horiz Minify Factor
—
RW
B3-B2 Capture Vert Minify Factor
—
RW
B5-B4 DST Pixel Width Count
—
RW
B7-B6 DST Pixel Height Count
—
RW
B8
Capture FIFO Control 1
—
RW
B9
Capture FIFO Control 2
—
RW
BB- Chromakey Comp Data 0 Lo
—
RW
BD- Chromakey Comp Data 0 Hi
—
RW
BE
Capture Control
—
RW
BF
Display Engine Flag 4—
RW
3x5
C0-CF -reserved-
—
—
3x5
D3-D0 VGA / Digital TV Sync Ctrl 1
—
RW
3x5
D4-FF -reserved-
—
—
Extended Registers – CRTC Shadow
Port
Index CRTC Shadow Registers
Default
Acc
3x5
00
Horizontal Total
—
RW
3x5
03
Horizontal Blanking End
—
RW
3x5
04
Hoprizontal Retrace Start
—
RW
3x5
05
Horizontal Retrace End
—
RW
3x5
06
Vertical Total
—
RW
3x5
07
Overflow
—
RW
3x5
10
Vertical Retrace Start
—
RW
3x5
11
Vertical Retrace End
—
RW
3x5
16
Vertical Blanking End
—
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com