Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 81Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 82Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-79
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Graphics Playback Control Registers
SR52-50 – Playback Color Key Data...............................RW
23-16 Playback Color Key for True Color Mode
15-8 Playback Color Key for High Color Mode
7-0
Playback Color Key for 256 Color Mode
SR56-54 – Playback Color Key Mask .............................RW
23-16 Playback Color Key Mask for True Color Mode
15-8 Playback Color Key Mask for High Color Mode
7-0
Playback Color Key Mask for 256 Color Mode
SR57 – Playback Video Key Mode Function ..................RW
7-0
Overlay Key Type
Defines all 256 defferent types of mixing among
VGA Color Key, Playback Window Key, and Video
Chroma Key (very similar to ROP3 code). Below
are some common combinations:
00 VGA Port Only
F0 Color Key Only
CC Playback Key Only
AA Chromakey Only
88 Playback Key & Chromakey
C0 Colorkey & Playback Key
80 Colorkey & Playback key & Chromakey
FF Video Port Only
Graphics BIOS Scratch Pad Registers
SR5A – Scratch Pad 0 .......................................................RW
SR5B – Scratch Pad 1 .......................................................RW
SR5C – Scratch Pad 2 .......................................................RW
SR5D – Scratch Pad 3 .......................................................RW
SR5E – Scratch Pad 4 .......................................................RW
SR5F – Scratch Pad 5 .......................................................RW
Graphics Second Playback Control Registers
SR62-60 – 2
nd Playback Color Key Data ........................ RW
23-16 Playback Color Key for True Color Mode
15-8 Playback Color Key for High Color Mode
7-0
Playback Color Key for 256 Color Mode
SR66-64 – 2
nd Playback Color Key Mask ....................... RW
23-16 Playback Color Key Mask for True Color Mode
15-8 Playback Color Key Mask for High Color Mode
7-0
Playback Color Key Mask for 256 Color Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com