Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-22-
Pinouts
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Digital Power and Ground
Signal Name
Pin #
I/O
Signal Description
VCC5
U6
P
Power for Display / Video Interfaces (5V ±5%). Power for CRT
H/VSYNC, DFP interface, video interface, and TV interface. Used to
provide adequate output voltage swing for driving external video
devices. Also used to provide 5V input tolerance from those interfaces.
VCC3
F7, F10, F12, F17, F20, G6,
G21, H6, K21, L4, L12, L15,
M11, M16, R11, R16, T4,
T12, T15, U21, W6, Y6, Y21,
AA7, AA10, AA17, AA20
P
Power for On-Board Interfaces (2.5V to 3.3V ±5%). Power for host
CPU / L2 Cache interface, PCI bus interface, and memory interface
(except pins listed below under VSUS).
VSUS3
V22, W22, AB22
P
Suspend Power (3.3V ±5%).
Power for memory interface signals
SRASC#, SCASC#, SWEC#, SWEB#, RAS[5-0]#, CAS[7-0]#, and
MECC[7-0] as well as SUSTAT# and SUSCLK. Connect to VCC3 if
suspend functions are not implemented.
VSUS2
AA22
P
Suspend Power (2.5V ±5%). Connect to VCCI if suspend functions
are not implemented.
VCCI
F9, F18, J6, J21, V6, V21,
AA9, AA18
P
Power for On-Chip Internal Logic (2.5V ±5%).
VCCD
W1
P
Power for Video Clock Synthesizer Digital Logic (2.5V ±5%).
Connect to VCCI through a ferrite bead and decouple to main ground
plane GND with 0.001uF and 0.1uF ceramic and 10uF tantalum
capacitors (see “Apollo ProMedia Design Guide”).
VCCR
D1
P
Power for RAMDAC Video Output Digital Logic (2.5V ±5%).
Connect to VCCI through a ferrite bead and decouple to main ground
plane GND with 0.001uF and 0.1uF ceramic and 10uF tantalum
capacitors (see “Apollo ProMedia Design Guide”).
VTT
E11, F19
P
CPU Interface Termination Voltage (1.5V ±10%).
GTLREF
E12, E21
P
CPU Interface GTL+ Voltage Reference. 2/3 VTT ±2%. Derived
from the termination voltage to the pullup resistors. Determines the
noise margin for the host CPU interface signals. Internally connects to
the GTL
+
sense amp on each GTL
+
input or I/O pin.
GND
A9, A18, A26, B2, C8, C14,
C19, D4, D23, F6, F13-F14,
F16, F21, H24, J26, L11, L13,
L14, L16, M12-M15, M21,
N3, N6, N11-N16, N21, P1, P6,
P11-P16, P21, R12-R15, T11,
T13, T14, T16, T21, V26,
W24, AA6, AA13-AA15,
AA21, AC4, AC23, AD8,
AD13, AD19, AF1, AF9,
AF18, AF26
P
Ground. Connect to primary PCB ground plane.
NC
A2-A5, B3-B5, C3-C5, Y5,
AA3-AA5, AB1-AB4, AC1
-
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com