Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-61
Graphics Accelerator PCI Bus Master Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Graphics Accelerator AGP Registers
The default base I/O address for the AGP registers is 2300h.
The AGP control unit has 3 channels. These channels can
work independently and in parallel. Each channel has its own
capabilities:
Channel 0: Execution mode texture access.
Channel 1: Command List Operation.
Executes command
lists from AGP memory.
Channel 2: Data Move. Moves data from AGP memory to
frame buffer or to the Capture/MPEG2 FIFO.
Also moves data from the frame buffer to AGP
memory.
Graphics AGP Configuration Registers
Port 2304 – Graphics AGP Capability List.....................RW
31-0 xx
Port 2334 – Graphics AGP Capability List Address......RW
31-0 xx
Graphics AGP Operation Registers
Port 2340 – Graphics AGP FB Command List Start .....RW
31-19 Reserved
........................................ always reads 0
18-0 Frame Buffer Command List Start Address
Port 2344 – Graphics AGP FB Command List Size .......RW
31-19 Reserved
........................................ always reads 0
18-3 Frame Buffer Command List Size (in quadwords)
Value programmed is the desired size minus one
2-0
Reserved
........................................ always reads 0
Command List Format
The command list is stored in AGP memory in groups. Each
group has the following format:
Bit
Bit
QuadWord
63
48
32
31
16
0
0
Data 0
Header
1
Data 2
Data 1
2
Data 4
Data 3
……
…
n / 2 + 1
Pad/Data n-1
Data n – 1/2
The header is a 32-bit word that contains information about
this group, such as the amount of useful data in the group. A
group is always padded to a quadword boundary.
Padding
DWORDs are discarded by the channel. The format of the
header is as follows:
31
Consecutive Addressing
0
Disabled (all data in this group will be written
to the register with the destination address
specified in the “ADDR” field in bits 29-8)
1
Enabled (All data in this group will be written
to registers ADDR, ADDR+4, … ADDR+4 *
(LEN-1) sequentially
30
Wait
0
Don’t Wait (send data to the Graphics Engine
as long as it can receive it)
1
Wait (until the GE is idle, then send data)
29-8 Register Address of the First Data (ADDR)
15-0 Number of DWORDs of Data in this Group (LEN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com