Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 73Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-65
Graphics Accelerator PCI Bus Master Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
VGA Standard Registers - Introduction
The standard VGA register set consists of five sets of indexed
registers plus several individually addressed registers.
All
VGA registers are addressed at specific I/O port addresses
defined by the VGA legacy standard.
The non-indexed registers (also called the “Status / Enable”
registers) are:
Input Status Register 0
Read at 3C2
Input Status Register 1
Read at 3BA or 3DA
Miscellaneous Register
Read at 3CC, Write at 3C2
Video Subsystem Enable Read/Write at 3C3
Display Adapter Enable Read/Write at 46E8
The indexed register sets each control different functional
blocks inside the hardware VGA logic. These register sets
are:
Attribute Controller
21 registers (0-14h) at 3C0/1
Sequencer
5 registers (0-4h) at 3C4/5
Graphics Controller
9 registers (0-8h) at 3CE/F
CRT Controller
25 registers (0-18h) at 3x4/5
RAMDAC
256 24-bit registers at 3C7-3C9
Indexed registers typically require two sequential port
addresses, the first of which is the index and the second of
which is the data. In other words, the index is written to the
first port address and then the data corresponding to that
indexed register is read from or written to the second port
address. The exceptions to this are the Attribute Controller
and the RAMDAC. For the Attribute Controller, the index is
written at 3C0 as expected. Data reads (but not writes) can be
performed from port 3C1 in the standard way.
However,
generally most data read and all data write operations use the
same 3C0 port as used for the index. Data and address are
accessed on alternate operations to 3C0 with an internal flag
to keep track of where the next operation is to be performed
(reads from 3BA or 3DA reset the flag to point at the index
register).
The other exception to the 2-port index/data
structure is the RAMDAC which uses three port addresses. In
this case, there are two locations provided for the index, 3C7
and 3C8, with the data at 3C9. There is actually only one
index register, but automatic pre / post incrementation is
performed differently depending on whether the index is
written at the “Read” address (3C7) or the “Write” address
(3C8). The current index value may be read at 3C8. Refer to
the RAMDAC register group for further explanation of the
operation of the index registes and sequential access to the
three data bytes of each indexed data location.
The number of registers listed above for each indexed register
group is the number of registers defined by the VGA standard.
The operation of these “base” registers will always be exactly
the same from one vendor’s implementation of the VGA to
another.
Typically, however, there are additional non-
standard
/
extended
functions
implemented
in
higher
numbered index values. That is the case for this chip as well,
where extended functions are provided in all indexed register
groups except the Attribute Controller (due to the unusual
nature of Attribute Controller indexing using a single I/O port
which makes access to this register group more cumbersome).
This document will detail the functions of all the standard
VGA registers first.
All extended functions will then be
separately documented in following sections.
Regarding notation used in this document, indexed registers
(including extended registers) may be referenced using a 2-
letter mnemonic from the following table followed by the
index number:
Attribute Controller
AR
Graphics Controller
GR
CRT Controller
CR
Sequencer
SR
For example, index register 26h of the 3CE / 3CFh indexed
register group could also be referred to as GR26. Bit-7 if this
register, using this notation, would be GR26[7].
Register groups, for the most part, are included in this
document in order by I/O port address. Some registers are
included out of order with other registers in the same
functional block.
Refer to the table of contents and the
register summary tables at the beginning of the register section
of this document for further information and help in finding
descriptive information for a specific register.
For standard VGA registers, primarily only the bit definitions
are provided here.
Since the operation of these bits was
standardized long ago, full explanation of the operation of
these bits is not provided in this document.
Detailed
explanation of these bits is provided by many fine indiustry
publications (check your local computer book store or the
internet for further information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com