Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-28-
Register Summary Tables
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Standard VGA Registers
Port
Index VGA Registers
Default
Acc
3B4/5
0-18 CRT Controller (Mono Mode)
—RW
3BA
—
Input Status 1 (Mono Mode)
—R
3C0/1
0-14 Attribute Controller
—
RW
3C2
—
Input Status 0
—
R
3C2
—
Miscellaneous Output (Write)
—
W
3C3
—
Video Subsystem Enable
—
RW
3C4/5
0-4
Sequencer
—
RW
3C6
—
RAMDAC Pixel Mask
—
RW
3C7
—
RAMDAC Read Index
—
W
3C8
—
RAMDAC Write Index
—
W
3C8
—
RAMDAC Index Readback
—
R
3C9
0-FF RAMDAC Palette Data
—
RW
3CC
—
Miscellaneous Output (Read)
—
R
3CE/F
0-8
Graphics Controller
—
RW
3D4/5
0-18 CRT Controller (Color Mode)
—RW
3DA
—
Input Status 1 (Color Mode)
—
R
46E8
—
Display Adapter Enable
—
RW
Note: CRTC registers are accessible at either 3B4 / 3B5 or
3D4 / 3D5 (shorthand notation 3x4 / 3x5) depending on the
setting of the color / mono bit.
Standard VGA Registers – Attribute Controller (AR)
Port
Index Attribute Controller Regs
Default
Acc
3C0
—
Index
—
RW
3C0/1
0-F
Color Palette
—
RW
3C0/1
10
Attribute Mode Control
—
RW
3C0/1
11
Overscan Color
—
RW
3C0/1
12
Color Plane Enable
—
RW
3C0/1
13
Horizontal Pixel Panning
—RW
3C0/1
14
Color Select
—
RW
Standard VGA Registers – Sequencer (SR)
Port
Index Sequencer Registers
Default
Acc
3C4
—
Index
—
RW
3C5
0
Reset
—
RW
3C5
1
Clocking Mode
—
RW
3C5
2
Map Mask
—
RW
3C5
3
Character Map Select
—
RW
3C5
4
Memory Mode
—
RW
Standard VGA Registers – Graphics Controller (GR)
Port
Index Graphics Controller Regs
Default
Acc
3CE
—
Index
—
RW
3CF
0
Set / Reset
—
RW
3CF
1
Enable Set / Reset
—
RW
3CF
2
Color Compare
—
RW
3CF
3
Data Rotate
—
RW
3CF
4
Read Map Select
—
RW
3CF
5
Graphics Mode
00
RW
3CF
6
Miscellaneous
—
RW
3CF
7
Color Don’t Care
—
RW
3CF
8
Bit Mask
—
RW
Standard VGA Registers – CRT Controller (CR)
Port
Index CRT Controller Registers
Default
Acc
3x4
—
Index
—
RW
3x5
0
Horizontal Total
00
RW
3x5
1
Horizontal Display Enable
00
RW
3x5
2
Horizontal Blanking Start
00
RW
3x5
3
Horizontal Blanking End
00
RW
3x5
4
Horizontal Retrace Start
FF
RW
3x5
5
Horizontal Retrace End
00
RW
3x5
6
Vertical Total
00
RW
3x5
7
Overflow
00
RW
3x5
8
Preset Row Scan
00
RW
3x5
9
Maximum Scan Line
00
RW
3x5
A
Cursor Start
00
RW
3x5
B
Cursor End
00
RW
3x5
C
Start Address High00
RW
3x5
D
Start Address Low
00
RW
3x5
E
Cursor Location High00
RW
3x5
F
Cursor Location Low
00
RW
3x5
10
Vertical Retrace Start
00
RW
3x5
11
Vertical Retrace End
00
RW
3x5
12
Vertical Display Enable End
00
RW
3x5
13
Offset
00
RW
3x5
14
Underline Location
00
RW
3x5
15
Vertical Blanking Start
00
RW
3x5
16
Vertical Blanking End
00
RW
3x5
17
CRTC Mode Control
00
RW
3x5
18
Line Compare
00
RW
Note: CRTC registers are accessible at either 3B4 / 3B5 or
3D4 / 3D5 (shorthand notation 3x4 / 3x5) depending on the
setting of the color / mono bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com