Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-41-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Offset 64 - DRAM Timing for Banks 0,1 .........RW
Device 0 Offset 65 - DRAM Timing for Banks 2,3 .........RW
Device 0 Offset 66 - DRAM Timing for Banks 4,5 .........RW
FPG / EDO Settings for Registers 64-66
7
RAS Precharge Time
03T
1
4T
.....................................................default
6
RAS Pulse Width
04T
1
5T
.....................................................default
5-4
CAS Read Pulse Width
00 1T
01 2T
10 3T
.....................................................default
11 4T
Note: EDO will not automatically reduce the CAS
pulse width. For EDO type DRAMs, use 00 if CAS
width = 1 is to be used.
3
CAS Write Pulse Width
01T
1
2T
.....................................................default
2
MA-to-CAS Delay
01T
1
2T
.....................................................default
1
RAS to MA Delay
0
1T
.....................................................default
12T
0
Reserved
........................................ always reads 0
SDRAM Settings for Registers 64-66
7
Precharge Command to Active Command Period
0TRP = 2T
1TRP = 3T ................................................default
6
Active Command to Precharge Command Period
0TRAS = 5T
1TRAS = 6T ..............................................default
5-4
CAS Latency
00 1T
01 2T
10 3T
.....................................................default
11 Reserved
3
Reserved (Do Not Program).................... default = 0
2
ACTIVE Command to CMD Command Period
02T
1
3T
.....................................................default
1-0
Bank Interleave
00 No Interleave..........................................default
01 2-way
10 4-way
11 Reserved
Device 0 Offset 68 - DRAM Control ............................... RW
7
SDRAM Open Page Control
0
Always
precharge
SDRAM
banks
when
accessing EDO/FPG DRAMs ................ default
1
SDRAM banks remain active when accessing
EDO/FPG banks
6
Bank Page Control
0
Allow only pages of the same bank active ... def
1
Allow pages of different banks to be active
5
EDO Pipeline Burst Rate
0
X-2-2-2-2-2-2-2 ..................................... default
1
X-2-2-2-3-2-2-2
4
DRAM Data Latch Delay for EDO/FPG DRAM
0
Latch DRAM data at CCLK rising edge..... def.
1
Delay latch of DRAM data by ½ CCLK
3EDO Test Mode
0
Disable................................................... default
1Enable
Note: MD0 is internally pulled up for EDO detection.
2
Burst Refresh
0
Disable................................................... default
1
Enable (burst 4 times)
1-0
System Frequency Divider...................................RO
00 CPU/PCI Frequency Ratio = 2x
(66 MHz)
01 CPU/PCI Frequency Ratio = 3x
(100 MHz)
10 CPU/PCI Frequency Ratio Auto Detect
11 CPU/PCI Frequency Ratio = 4x
(133 MHz)
These bits are latched from MA[14, 12] at the rising
edge of RESET#.
Without external strapping
resistors, the default setting of these bits is 00 (66
MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com