Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VT8601 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-i-
Revision History
7HFKQRORJLHV ,QF
:H&
:H&RRQQQQHFW
HFW
REVISION HISTORY
Document Release
Date
Revision
Initials
0.92
12/9/98
Initial internal release based on Apollo MVP4 data sheet revision 0.92
Added preliminary pin diagram based on engineering ballout rev 0.3 11/10/98
Added Slot-1 pinouts from Apollo Pro Plus Data Sheet
Replaced feature list, overview, and vblock diagram from product brief
DH
0.93
12/16/98
Updated pinouts to match engineering rev 0.5 document dated 12/1/98
DH
0.94
1/20/99
Updated pinouts to match engineering rev 0.8 document dated 12/22/98
DH
1.0
6/4/99
Added 133 MHz Support to Feature Bullets
Updated / Fixed Pin Descriptions:
Fixed description of strap options on MA2, MA8, and MA11-14
Removed Auxiliary Memory Port
Added REQ/GNT[4-7]#
Added GND & VCC3 pins to increase pin count to 510 (updated mech spec)
Fixed definitions of RESET# & CRSTI# and changed CRSTI# to CPURSTD#
Removed PWRGD function from SERR#
Fixed definitions of SRAS#, SCAS#, and SWE#
Added note to PLLTST description
Updated Device 0 Registers Rx50-53, 68[4], 69, 6B[5-1], 6C[7-4], 70[3,0,
72[0], 76[7], 79[1-0], 7A (added)
Updated Device 1 Registers Rx41[0], 42[0]
DH
1.1
6/23/99
Updated feature bullets & overview and fixed misc formatting problems
Fixed REQ/GNT4# pinouts and CKE & DQM naming polarity
Device 0 Bus 0 updated Rx2-3 Device ID, 69[7-6], 6D[6-5], 76[6]
Device 0 Bus 0 added Rx2C-D, 2E-F, 50[1], 51[5], 53[2], removed 6E-6F
Device 0 Bus 1 updated Rx0-3 Vendor & Device ID, Rx7-6[7]
Removed AC timing specs
DH
1.11
7/8/99
Fixed pin descriptions of CPURSTD# and SUSP
DH
1.2
8/23/99
Fixed typo in device 0 Rx50[7] description; added comment about default state
Fixed system frequency divider settings (MA pin descriptions, Dev 0 Rx68[1-0])
DH
1.3
9/8/99
Fixed strap options on MA2-6 and MA13 pin descriptions
Fixed Device 0 Rx52[7] strap option and removed (reserved) Device 0 Rx52[5]
Removed “VIA Confidential” watermark
DH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com