Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-1-
Features
7HFKQRORJLHV ,QF
:H&
:H&RRQQQQHFW
HFW
VIA VT8601
APOLLO PROMEDIA
66 / 100 / 133 MHz
Single-Chip Slot-1 / Socket-370 PCI North Bridge,
With Integrated AGP 2D / 3D Graphics Accelerator
and Advanced Memory Controller
supporting PC100 / PC133 and VCM SDRAM
For Desktop PC Systems
• General
− 510 BGA Package (35mm x 35mm )
− 2.5 Volt core with 3.3V CMOS I/O
− Supports GTL+ I/O buffer Host interface
− Supports separately powered 5.0V tolerant interface to PCI bus and Video interface
− 2.5V, 0.25um, high speed / low power CMOS process
− PC98 / 99 compatible using VIA VT82C686A (352-pin BGA) south bridge chip for Desktop and Mobile
applications
− 66 / 100 / 133 MHz CPU Front Side Bus (FSB) Operation
• High Integration
− Single chip implementation for 64-bit Slot-1 and Socket-370 CPUs, 64-bit system memory, 32-bit PCI with
integrated 2D / 3D GUI accelerator
− Apollo ProMedia Chipset: VT8601 system controller and VT82C686A PCI to ISA bridge
− Chipset includes dual UltraDMA-33/66 EIDE, AC-97 link, 4 USB ports, integrated Super-I/O, hardware monitoring,
keyboard / mouse interfaces, and RTC / CMOS
• High Performance CPU Interface
− Supports Slot-1Intel Pentium IITM / Pentium IIITM and Socket-370 CeleronTM processors
− 66 / 100 / 133 MHz CPU Front Side Bus (FSB)
− Built-in PLL (Phase Lock Loop) circuitry for optimal skew control within and between clocking regions
− Five outstanding transactions (four In-Order Queue (IOQ) plus one input latch)
− Supports WC (Write Combining) cycles
− Dynamic deferred transaction support
− Sleep mode support
− System management interrupt, memory remap and STPCLK mechanism
CPU
DRAM
GUI Core
Internal AGP
PCI
Comments
133 MHz
133 MHz
100 MHz
66 MHz
33 MHz
Synchronous (DRAM uses CPU clock)
133 MHz
100 MHz
100 MHz
66 MHz
33 MHz
Pseudo-synchronous (DRAM uses GUI clock)
100 MHz
133 MHz
100 MHz
66 MHz
33 MHz
Pseudo-synchronous (DRAM uses GUI clock)
100 MHz
100 MHz
100 MHz
66 MHz
33 MHz
Synchronous (DRAM uses CPU clock)
100 MHz
66 MHz
66 MHz
66 MHz
33 MHz
Pseudo-synchronous (DRAM uses GUI clock)
66 MHz
100 MHz
100 MHz
66 MHz
33 MHz
Pseudo-synchronous (DRAM uses GUI clock)
66 MHz
66 MHz
66 MHz
66 MHz
33 MHz
Synchronous (DRAM uses CPU clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com