Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 94Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 95Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 96Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 97Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 98Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 99Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 100Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 101Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-92
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
CR1F – Software Programming ......................................RW
7-4
Reserved
........................................ always reads 0
3-0
Display Memory Size
0011 1MB
0111 2MB
1111 4MB
0100 8MB
All other codes are reserved
Memory size is automatically detected during system setup.
CR20 – Command FIFO...................................................RW
7-6
Reserved
........................................ always reads 0
5
Write Buffer
0
Disable ....................................................defaul
1Enable
4
16-Bit Planar Mode
0
Disable ....................................................defaul
1Enable
3-0
Reserved
........................................ always reads 0
CR21 – Linear Addressing ...............................................RW
7-6
Reserved
........................................ always reads 0
5
Linear Memory Access
0
Disable ....................................................defaul
1Enable
4-0
Reserved
........................................ always reads 0
This register is write protected by SRE_New[7].
CR22 – CPU Latch Readback...........................................RO
7-0
Latched Data
Pointed to by GR4 (VGA Read Map Select Register
)
CR24 – VGA Attribute State.............................................RO
7
VGA Attribute State
0
Index ......................................................defaul
1Data
6-0
Reserved
........................................ always reads 0
CR25 – RAMDAC Read/Write Timing...........................RW
7
PCLK / P[7-0] BufferTristate Control
0
Enable......................................................defaul
1
Disable
6-4
Reserved
........................................ always reads 0
3-0
RAMDAC Read / Write Wait States..... def =1111b
CR27 – CRT High Order Start Address .........................RW
7
Vertical Total Bit-10 ................................ default = 0
6
Vertical Blanking Start Bit-10 ............... default = 0
5
Vertical Retrace Start Bit-10 ................. default = 0
4
Vertical Display Enable End Bit-10 ....... default = 0
3
Line Compare Bit-10 .............................. default = 0
2-0
Start Address Bits 19-17 ......................... default = 0
CR29 – RAMDAC Mode ................................................. RW
7
External DAC
0
Disable.................................................... defaul
1Enable
6
Reserved
........................................ always reads 0
5-4
CRTC Offset[9:8] for High or True Color Modes
3
GE I/O Decode
0
Disable.................................................... defaul
1Enable
2
RAMDAC
0
External .................................................. defaul
1
Internal
1-0
RS[3-2] for RAMDAC (if register access definition
is selected)
This register is write protected by SRE_New[7]
CR2A – Interface Select ................................................... RW
7
Reserved
........................................ always reads 0
6
Internal Data Path Width
0
8/16-bit ................................................... defaul
1
32-bit
5
Reserved
...................................... always reads 1
4
Power Down Mode Using ROMCS#
0
Enable..................................................... defaul
1
Disable
3-0
Reserved
........................................ always reads 0
This register is write protected by SRE_New[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com