Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-36-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Bus 0 Host Bridge Registers
CPU Interface Control
Device 0 Offset 50 – Request Phase Control (00h) .........RW
7
CPU Hardwired IOQ (In Order Queue) Size
Default per strap on pin MA11 during reset.
This
register bit can be written to 0 to restrict the chip to
one level of IOQ.
0
1-Level
1
4-Level ....... default if no external strap resistor
6
Read-Around-Write
0
Disable ...................................................default
1Enable
5
Reserved
........................................ always reads 0
4
Defer Retry When HLOCK Active
0
Disable ...................................................default
1Enable
Note: always set this bit to 1
3-2
Reserved
........................................ always reads 0
1
Fast Speculative Read
0
Disable ...................................................default
1Enable
0
CPU / PCI Master Read DRAM Timing
0
Start DRAM read after snoop complete ...... def
1
Start DRAM read before snoop complete
Device 0 Offset 51 – Response Phase Control (00h)....... RW
7
CPU Read DRAM 0WS for Back-to-Back Read
Transactions
0
Disable................................................... default
1Enable
Setting this bit enables maximum read performance
by
allowing
continuous
0-wait-state
reads
for
pipelined line reads. If this bit is not set, there will be
at least 1T idle time between read transactions.
6
CPU Write DRAM 0WS for Back-to-Back Write
Transactions
0
Disable................................................... default
1Enable
Setting this bit enables maximum write performance
by allowing
continuous
0-wait-state
writes
for
pipelined line writes ands sustained 3T single writes.
If this bit is not set, there will be at least 1T idle time
between write transactions.
5
DRAM Read Request Rate
0
3T
.................................................... default
12T
4
Fast Response (HIT/HITM Sampled 1T Earlier)
0
Disable................................................... default
1Enable
3
Non-Posted IOW
0
Disable................................................... default
1Enable
2
CPU Read DRAM Prefetch Buffer Depth
0
1-level prefetch buffer ........................... default
1
4-level prefetch buffer
1
CPU-to-DRAM Post-Write Buffer Depth
0
1-level post-write buffer ........................ default
1
4-level post-write buffer
0
Concurrent PCI Master / Host Operation
0
Disable – the CPU bus will be occupied (BPRI
asserted) during the entire PCI operation..... def
1
Enable – the CPU bus is only requested before
ADS# assertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com