Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-39-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Offset 59-58 - DRAM MA Map Type...............RW
15-13 Bank 5/4 MA Map Type (EDO/FPG)
000 8-bit Column Address
001 9-bit Column Address
010 10-bit Column Address ..........................default
011 11-bit Column Address
100 12-bit Column Address (64Mb)
101 Reserved
11x Reserved
Bank 5/4 MA Map Type (SDRAM)
0xx 16Mb SDRAM .......................................default
100 64/128Mb SDRAM (x4, x8, x16, 4-bank x32)
101 64Mb VC SDRAM(x4)
110 64/128Mb VC SDRAM (8Mx8 or 8Mx16)
111 128Mb VC SDRAM (16Mx8)
12
Bank 5/4 Virtual Channel Enable............. default=0
11-8 Reserved
........................................ always reads 0
7-5
Bank 1/0 MA Map Type (see above)
4
Bank 1/0 Virtual Channel Enable............. default=0
3-1
Bank 3/2 MA Map Type (see above)
0
Bank 3/2 Virtual Channel Enable............. default=0
Device 0 Offset 5A-5F – DRAM Row Ending Address:
All of the registers in this group default to 01h:
Offset 5A – Bank 0 Ending (HA[30:23]) ....................RW
Offset 5B – Bank 1 Ending (HA[30:23]).....................RW
Offset 5C – Bank 2 Ending (HA[30:23]) ....................RW
Offset 5D – Bank 3 Ending (HA[30:23]) ....................RW
Offset 5E – Bank 4 Ending (HA[30:23]).....................RW
Offset 5F – Bank 5 Ending (HA[30:23]).....................RW
Note :BIOS is required to fill the ending address registers
for all banks even if no memory is populated. The
endings have to be in incremental order.
Device 0 Offset 60 – DRAM Type ................................... RW
7-6
Reserved
........................................ always reads 0
5-4
DRAM Type for Bank 5/4
00 Fast Page Mode DRAM (FPG).............. default
01 EDO DRAM (EDO)
10 Reserved
11 SDRAM
3-2
DRAM Type for Bank 3/2.....................default=FPG
1-0
DRAM Type for Bank 1/0.....................default=FPG
Table 4. Memory Address Mapping Table
EDO/FP DRAM
MA: 13 12 11 10 9
8
7
6
5
4
3
2
1
0
8-bit Col
(000)
23 22 21 11 20 19
10
18
9
17
8
16
7
15
6
14
5
13
4
12
3
Row Bits
Col Bits
9-bit Col
(001)
24 23 22 21 20
11
19
10
18
9
17
8
16
7
15
6
14
5
13
4
12
3
Row Bits
Col Bits
10-bit Col
(010)
25 24 23 21
22
20
11
19
10
18
9
17
8
16
7
15
6
14
5
13
4
12
3
Row Bits
Col Bits
11-bit Col
(011)
26 25 23
24
21
22
20
11
19
10
18
9
17
8
16
7
15
6
14
5
13
4
12
3
Row Bits
Col Bits
12-bit Col
(100)
27 25
26
23
24
21
22
20
11
19
10
18
9
17
8
16
7
15
6
14
5
13
4
12
3
Row Bits
Col Bits
SDRAM
MA: 13 12 11 10 9
8
7
6
5
4
3
2
1
0
16Mb (0xx)
11
11
22
PC
21
24
20
23
19
10
18
9
17
8
16
7
15
6
14
5
13
4
12
3
Row Bits
Col Bits
64Mb (100)
2/4 bank
x4, x8, x16;
4-bank x32
24
24
13
13
12
12
22
PC
21
26
20
25
19
10
18
9
17
8
16
7
15
6
14
5
11
4
23
3
x4: 10 col
x8: 9 col
x16: 8 col
x32: 8 col
VC SDRAM
Segment address {HA9,HA10,HA25,HA26} depends on VC
SDRAM configurations.
MA: 13 12 11 10 9
8
7
6
5
4
3
2
1
0
64M
VC SDRAM
24 13 12 22 21 20 19 18 17 16 15 14 11 23
64M: 4Mx16
(13x6)
(101) 6-bit Cola
2-bank
24 13 12 PC 26 25 10 9
87
6543
64M/128M
VC SDRAM
24 13 12 22 21 20 19 18 17 16 15 14 11 23
64M: 8Mx8
(13x7)
(110) 7-bit Cola
2-bank
24 13 12 PC 26 25 10 987
6543
128M: 8Mx16
(13x7)
128M
VC SDRAM
24 13 12 22 21 20 19 18 17 16 15 14 11 23 128M: 16Mx8
(13x8)
(111) 8-bit Cola
2-bank
24 13 12 PC 26 25 10 987
6543
"PC" = "Precharge Control" (refer to SDRAM specifications)
16Mb 11x10, 11x9, and 11x8 configurations supported
64Mb x4:
12x10 4bank, 13x10 2bank
x8:
12x9 4bank,
13x9 2bank
x16: 12x8 4bank,
13x8 2bank
x32: 11x8 4bank
128Mb same as 64Mb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com