Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-29-
Register Summary Tables
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Extended Registers – VGA Sequencer Indexed
Port
Index Extended Sequencer Regs
Default
Acc
3C5
8
Old-New Status
00
R
3C5
9
Graphics Controller Version
58
R
3C5
A
-reserved-
—
—
3C5
B
Version/Old-New Mode Ctrl
F3
RW
3C5
C
Configuration Port 1
B7
RW
3C5
C
Configuration Port 2
—
RW
3C5
D
Old Mode Control 2
20
RW
3C5
D
New Mode Control 2
10
RW
3C5
E
Old Mode Control 1
A8
RW
3C5
E
New Mode Control 1
40
RW
3C5
F
Power-up Mode 2
BF
RW
3C5
10
VESA™ Big BIOS Control
00
RW
3C5
11
Protection
00
RW
3C5
12
Threshold
21
RW
3C5
13-17 -reserved-
—
—
3C5
18
VCLK1 Frequency Control 0
00
RW
3C5
19
VCLK1 Frequency Control 1
00
RW
3C5
1A
VCLK2 Frequency Control 0
00
RW
3C5
1B
VCLK2 Frequency Control 1
00
RW
3C5
1C-1F -reserved-
—
—
3C5
20
Clock Syn / RAMDAC Setup
00
RW
3C5
21
Signature Control
00
RW
3C5
23-22 Signature Data
—
R
3C5
24
Power Management Ctrl
0E
RW
3C5
25
Monitor Sense
—
R
3C5
26-36 -reserved-
—
—
3C5
37
Video Key Mode
00
RW
3C5
38
Feature Connector Control
00
RW
3C5
39-4F -reserved-
—
—
3C5
52-50 Playback Color Key Data
—
RW
3C5
53
-reserved-
—
—
3C5
56-54 Playback Color Key Mask
—
RW
3C5
57
Playback Vid Key Mode
—
RW
3C5
58-59 -reserved-
—
—
3C5
5A-5F Scratch Pad 0-5
—
RW
3C5
62-60 2
nd Playback Color Key Data
—
RW
3C5
63
-reserved-
—
—
3C5
66-64 2
nd Playback ColorKey Mask
—
RW
3C5
67-7F -reserved-
—
—
Port
Index New Video Display Regs
Default
Acc
3C5
82-80 W1 U FB Start Address
—
RW
3C5
85-83 W1 V FB Start Address
—
RW
3C5
88-86 W2 FB Start Address
—
RW
3C5
8A-89 W2 H Scaling Factor
—
RW
3C5
8C-8B W2 V Scaling Factor
—
RW
3C5
90-8D W2 Live Video Start
—
RW
3C5
94-91 W2 Live Video End
—
RW
3C5
95
W2 Live Vid Line Buf Level
—
RW
3C5
96
New Live Video Win Ctrl 0
00
RW
3C5
97
New Live Video Win Ctrl 1
00
RW
3C5
98
New Live Video Win Ctrl 2
00
RW
3C5
99
New Live Video Win Ctrl 3
00
RW
3C5
9B-9AVid Row Byte Off. (W1-UV)
—RW
3C5
9D-9C Vid Row Byte Offset (W2-Y)
—RW
3C5
9ELine Buf Req Threshold
00
RW
3C5
9F
VBI Control
—
RW
3C5
A3-A0 VBI Frame Buffer Address
—
RW
3C5
A7-A4 VBI Capture Start
—
RW
3C5
AB-A8 VBI Capture End
—
RW
3C5
AD-AC VBI V Interrupt Position
—
RW
3C5
AF-AE Capture Row Byte Offset
—
RW
3C5
B1-B0 Window 1 HSB Control
—
RW
3C5
B3-B2 Window 2 HSB Control
—
RW
3C5
B6-B4 2
nd Display Addr Select
—
RW
3C5
B7
Video Sharpness
—
RW
3C5
BA-B8 2
nd Capture Addr Select
—
RW
3C5
BB
-reserved-
—
—
3C5
BC
Contrast Control
—
RW
3C5
BD
Dual View MUX Control
—
RW
3C5
BE
Miscellaneous Control Bits
00
RW
3C5
BF-CD -reserved-
—
—
3C5
CE
Window 2 Live Video Ctrl
00
RW
3C5
CF
-reserved-
—
—
3C5
D1-D0 Row Byte Offset (W2-UV)
—RW
3C5
D4-D2 W2 U-Frame Start Address
—
RW
3C5
D7-D5 W2 V-Frame Start Address
—
RW
3C5
D9-D8 Digital TV Interface Control
—
RW
3C5
DB-DA W2 V Count Status
—
R
3C5
DD-DC Dual View Control
—
RW
3C5
DF-DE W1 V Count Status
—
R
Port
Index Reserved Registers
Default
Acc
3C5
E0-FF -reserved-
—
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com