Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-57
Device 0 Bus 1 Header Registers - Graphics Accelerator
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Offset 8 - Revision ID .........................................................RO
8-0
VT8601 Graphics Controller Revision Code
Offset 9 - Programming Interface.....................................RO
7-0
Interface Identifier........................... always reads 00
Offset A - Sub Class Code..................................................RO
7-0
Sub Class Code................................. always reads 00
Offset B - Base Class Code ................................................RO
7-0
Base Class Code
Reads 03 to indicate Graphics Controller
Offset 13-10 - Graphics Memory Base 0 .........................RW
31-0 Graphics Memory Base 0 ......... default = E000 0000
Defines an 8MB space for display memory
Offset 17-14 - Graphics Memory Base 1 .........................RW
31-0 Graphics Memory Base 0 ......... default = E080 0000
Defines a 128KB space for memory mapped I/O
Offset 1B-18 - Graphics Memory Base 2.........................RW
31-0 Graphics Memory Base 0 ......... default = E040 0000
Defines an 8MB space for off-screen video overlay
Offset 2D-2C – Subsystem Vendor ID .............................RW
15-0 Subsystem Vendor ID ............................ default = 00
Offset 2F-2E - Subsystem ID ............................................RW
15-0 Subsystem ID .......................................... default = 00
Offset 33-30 –Graphics ROM Base..................................RW
31-0 Graphics ROM Base ................. default = 0000 0001
Offset 3C – Interrupt Line ............................................... RW
7-0
Interrupt Line ...................................... default = 0Bh
Offset 3D – Interrupt Pin .................................................. RO
7-0
Interrupt Pin ....................always reads 01h (INTA#)
Interrupts
There are several interrupt sources and their corresponding
controls in the ProMedia as shown in the following table:
Table 7. Interrupt Sources and Controls
Source
Mask
Clear
Status
Capture
3
CR9B[7] CR9B[6]
1 CR9B[4]
Capture VSYNC
2
Capture Even Field
2
Capture Odd Field
2
Capture Blank
2
GE
4
2122[7]
2122[7]
2120[4]
VGA
5
CR11[5] CR11[4]
1) Write 0 to clear.
2) Selected by CR9E[7:6]
3) Video capture logic can generate an interrupt which is
selected
from one
of four
sources
determined
by
CR9E.[7:6]. This interrupt is enabled by CR9B[7]. To
clear this bit write 0 to CR9B[6]. Whether an interrupt is
generated can be determined from CR9B[4].
4) The GE interrupt is similar to the capture interrupt.
5) The VGA interrupt is similar to the capture interrupt except
that there is no status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com