Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-24-
Register Summary Tables
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Bus 0 Registers - Host Bridge
PCI Configuration Registers
Offset Configuration Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
0601
RO
5-4
Command
0006
RW
7-6
Status
0290
WC
8
Revision ID
nn
RO
9Program Interface
00
RO
A
Sub Class Code
00
RO
B
Base Class Code
06
RO
C
-reserved- (cache line size)
00
—
D
Latency Timer
00
RW
E
Header Type00
RO
F
Built In Self Test (BIST)
00
RO
13-10 Graphics Aperture Base
0000 0008 RW
14-27 -reserved- (base address registers)
00
—
28-2B -reserved- (unassigned)
00
—
2D-2C Subsystem Vendor ID
0000
RW
2F-2E Subsystem ID
0000
RW
33-30 -reserved- (expan ROM base addr)
00
—
37-34 Capability Pointer
0000 00A0 RO
34-3B -reserved- (unassigned)
00
—
3C-3D -reserved- (interrupt line & pin)
00
—
3E-3F -reserved- (min gnt and max latency)
00
—
Device-Specific Configuration Registers
Offset CPU Interface Control
Default
Acc
50
Request Phase Control
00
RW
51
Response Phase Control
00
RW
52
Dynamic Defer Timer
10
RW
53
Miscellaneous
00
RW
55-54 Non-Cacheable Region #1
0000
RW
57-56 Non-Cacheable Region #2
0000
RW
Offset DRAM Control
Default
Acc
59-58 MA Map Type
0000
RW
5A-5F DRAM Row Ending Address:
5A
Bank 0 Ending (HA[29:22])
01
RW
5B
Bank 1 Ending (HA[29:22])
01
RW
5C
Bank 2 Ending (HA[29:22])
01
RW
5D
Bank 3 Ending (HA[29:22])
01
RW
5E
Bank 4 Ending (HA[29:22])
01
RW
5F
Bank 5 Ending (HA[29:22])
01
RW
60
DRAM Type00
RW
61
ROM Shadow Control C0000-CFFFF
00
RW
62
ROM Shadow Control D0000-DFFFF
00
RW
63
ROM Shadow Control E0000-FFFFF
00
RW
64
DRAM Timing for Banks 0,1
EC
RW
65
DRAM Timing for Banks 2,3
EC
RW
66
DRAM Timing for Banks 4,5
EC
RW
67
-reserved- (unassigned)
00
RW
68
DRAM Control
00
RW
69
DRAM Clock Select
00
RW
6A
DRAM Refresh Counter
00
RW
6B
DRAM Arbitration Control
01
RW
6C
SDRAM Control
00
RW
6D
DRAM Control Drive Strength
00
RW
6E-6F -reserved- (unassigned)
00
—
Device-Specific Configuration Registers (continued)
Offset PCI Bus Control
Default
Acc
70
PCI Buffer Control
00
RW
71
CPU to PCI Flow Control 1
00
RW
72
CPU to PCI Flow Control 2
00
RW
73
PCI Master Control 1
00
RW
74
PCI Master Control 2
00
RW
75
PCI Arbitration 1
00
RW
76
PCI Arbitration 2
00
RW
77
Chip Test (do not program)
00
RW
78
PMU Control 1
00
RW
79
PMU Control 2
00
RW
7A
Miscellaneous Control
00
RW
7B-7D -reserved-
00
—
7E-7F DLL Test Mode (do not program)
00
RW
80-FF -reserved-
00
—
Offset GART/TLB Control
Default
Acc
83-80 GART/TLB Control
0000 0000 RW
84
Graphics Aperture Size
00
RW
85-87 -reserved- (unassigned)
00
—
8B-88 Gr. Aperture Translation Table Base
0000 0000 RW
8C-8F -reserved- (unassigned)
00
—
Offset AGP Control
Default
Acc
A0
AGP ID
02
RO
A1
AGP Next Item Pointer
00
RO
A2
AGP Specification Revision
10
RO
A3
-reserved- (unassigned)
00
—
A7-A4 AGP Status
0700 0203 RO
AB-A8 AGP Command
0000 0000 RW
AC
AGP Control
00
RW
AD
AGP Latency
00
RW
AC-EF -reserved- (unassigned)
00
—
Offset BIOS Scratch
Default
Acc
F0-F7 BIOS Scratch
00
RW
Offset Miscellaneous Control
Default
Acc
F8
DRAM Arbitration Timer 1
00
RW
F9
DRAM Arbitration Timer 9
00
RW
FA
CPU Direct Access FB Base Address
00
RW
FB
Frame Buffer Conrol
00
RW
Offset Back Door Control
Default
Acc
FC
Back Door Control 1
00
RW
FD
Back Door Control 2
00
RW
FF-FE Back Door Device ID
0000 0000 RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com