Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 80Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 81Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 82Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-78
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Graphics Signature Analyzer Registers
SR21 – Signature Control.................................................RW
7
Signature Generator Enable
0
Disable (readback 0 indicates done).......default
1
Enable (readback 1 indicates busy)
6
Signature Source Select
0
TV / CRT ...............................................default
1LCD
5-0
Bit Select
.............................................. default = 0
SR23-22 – Signature Data .................................................RO
15-0 Signature Data
Graphics Power Management Control Registers
SR24 – Power Management Control ...............................RW
7
RAMDAC Clock During RAMDAC Powerdown
0
14.318 MHz ..........................................default
1
14.31818 MHz divided by 2
6
Enable VCLK2 VCO Directly
(without warmup sequence)
0Enable
1
Don’t Enable ..........................................default
5-4
Clock Input Divisor
Divisor for 14.318 MHz clock input to MCLK to
drive DRAM refresh cycles in power managed
modes.
00 1
.....................................................default
01 2
10 4
11 8
3
Power Management Slow MCLK
0
Use divided MCLK during standby & suspend
1
Use MCLK during standby & suspend........ def
2
Enable MCLK VCO Directly
(without warmup sequence)
0Enable
1
Don’t Enable .........................................default
1
Enable MCLK VCO Directly
(without warmup sequence)
0Enable
1
Don’t Enable .........................................default
0
DAC Power
0
Off
.....................................................default
1On
Graphics Connector Control Registers
SR25 – Monitor Sense ....................................................... RO
7-3
Reserved
........................................ always reads 0
2-0
Monitor Sense Result: [red, green, blue]
SR37 – Video Key Mode .................................................. RW
7
Feature Connector Input Clock Polarity
0
Normal................................................... default
1
Inverted
6
Signal Output (AFC Processing)
0
Signal output is sent before AFC processingdef
1
Signal output is sent after AFC processing
5-4
Feature Connector Input Pixel Clock Tuning
00 0 ns
.................................................... default
01 4 ns
10 8 ns
11 12 ns delay of pixel clock with respect to data
3-0
Overlay Key Type
0000 VGA Port Only...................................... default
0001 Color Key & Video Key
0010 Color Key & not Video Key
0011 Color Key
0100 Not Color Key & Video Key
0101 Video Key
0110 Color Key XOR Video Key
0111 Color Key | Video Key
1000 Not Color Key & Not Video Key
1001 Color Key XNOR Video Key
1010 Not Video Key
1011 Color Key | Not Video Key
1100 Not Color Key
1101 Not Color Key | Video Key
1110 Not Color Key | Not Video Key
1111 Video Port Only
SR38 – Advanced Feature Connector (AFC) Control... RW
7
Reserved
........................................ always reads 0
6
DCLK Rate (set after other bits for syncronization)
0
PCLK .................................................... default
1PCLK / 2
5
DCLK Phase Select (if bit-6 = 1)
0
180 degree phase shift ........................... default
1In phase
4
DCLK Output Polarity
0
Normal when bit-6 = 0........................... default
1
Inverted
3
VCLK Input Polarity
0
Normal................................................... default
1
Inverted
2-1
Reserved
........................................ always reads 0
0
Pixel Data Bus Output Enable Control
0
Disable Output Drive............................. default
1
Disable drive only when EVIDEO# is low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com