Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-59
Graphics Accelerator PCI Bus Master Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Graphics Accelerator PCI Bus Master Registers
The ProMedia PCI Bus Master controller supports both
read/write and scatter/gather. Software can take advantage of
this feature to transfer data between system memory and the
frame buffer.
After software sets the proper registers and
commands,
the
PCI
master
begins
to
transfer
data
automatically between system memory and the frame buffer.
This allows the CPU to do other jobs at the same time, thus
increasing performance.
Software should use the PCI Bus Master functionality to
transfer big chunks of data such as video capture data for
video conferencing applications or texture data for 3-D
applications. For small chunks of data, direct CPU access to
the Frame Buffer is the preferred method.
The software sequence used to control bus master operation is
as follows: Software first sets registers such as the system
memory starting address, page table starting address / height /
width, and frame buffer starting address and line offset.
Software finally sets the bus master control register where
either bit 1 (for reads) or bit 2 (for writes) is set as the
command bit. After the command bit is set, the hardware will
begin to transfer data automatically based on the parameters
specified.
After the transfer is finished, the hardware will
issue an interrupt. Software can then poll the status bit to get
the transfer status. The hardware will clear the command bit
after the transfer is finished.
Software cannot issue new
commands until the previous command is completed.
All Registers are memory mapped. The memory address base
is defined in PCI configuration register “Memory Base 1”
(offset 17h-14h).
Port 2204 – Graphics Bus Master Status .........................RO
31-3 Reserved
........................................ always reads 0
2
Bus Master Interrupt Status
1
End of Transfer
0
Still processing .......................................default
1
End of Transfer (Idle)
0
Bus Master Error Status
0
Normal ...................................................default
1
Error Detected
This error is ususlly detected because the total page
table size is less than the size defined in the
“Graphics Bus Master Height” register at index
2314h.
Port 2300 – Graphics Bus Master Control ..................... RW
31-16 Reserved
........................................ always reads 0
15
PCI Master Read Data to GE SRCQ
0
Disable................................................... default
1Enable
14-11 Bytes in DW to be Cleared
When enabling block transfer with clear, one bits
define which byte(s) in the DW will be cleared
10
Enable Bit with Clear
0
Disable................................................... default
1Enable
9
Invert C / Z Position
0
Hardware assumes C is located in bits 15:0 and
Z in bits 31:16........................................ default
1
Hardware assumes C is located in bits 31:16
and Z in bits 15:0
8
Enable Z Stripping
0
Disable................................................... default
1Enable
7-5
Reserved
........................................ always reads 0
4
Bus Master Interrupt
0
Disable................................................... default
1Enable
3
Master Latency
0
Disable................................................... default
1Enable
2
Write Command ........................................ default =0
Writing this bit to 1 will trigger the hardware to begin
a write operation.
After finishing the operation,
hardware will automatically clear this bit.
1
Read Command ........................................ default =0
Writing this bit to 1 will trigger the hardware to begin
a read operation.
After finishing the operation,
hardware will automatically clear this bit.
0
Scatter / Gather
0
Disable................................................... default
1Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com