Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 82Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-80
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Graphics Video Display Registers
SR82-80 – Window 1 U-Plane FB Start Address............RW
23-20 Reserved
........................................ always reads 0
19-0 W1 U-Plane FB Start Address
When operating in planar mode, this field defines the
frame buffer starting address for the U-plane for the
first live video window
SR85-83 – Window 1 V-Plane FB Start Address............RW
23-20 Reserved
........................................ always reads 0
19-0 W1 V-Plane FB Start Address
When operating in planar mode, this field defines the
frame buffer starting address for the V-plane for the
first live video window
SR88-86 – Window 2 Frame Buffer Start Address ........RW
23-20 Reserved
........................................ always reads 0
19-0 Window 2 Frame Buffer Start Address
Frame buffer starting address for the second live
video window (packed YUV format only)
SR8A-89 – Window 2 Horizontal Scaling Factor ...........RW
15
W2 Horizontal Minify / Zoom Select
0
Zoom .....................................................default
1
Minify
Zoom Selected (Bit-15 = 0)
14
Reserved
13-0 W2 Horizontal Zoom Factor
Same format as for the first live video window as
defined in CR80 and CR81
Minify Selected (Bit-15 = 1)
14-13 W2 Tap
12-10 W2 Horizontal Minify Integer (Inverter)
9-0
W2 Horizontal Minify Factor
SR8C-8B – Window 2 Vertical Scaling Factor .............. RW
15
W2 Vertical Minify / Zoom Select
0
Zoom .................................................... default
1
Minify
14
W2 Vertical Filtering
0
Off
.................................................... default
1On
Zoom Selected (Bit-15 = 0)
13-0 W2 Vertical Zoom Factor
Same format as for the first live video window as
defined in CR82 and CR83
Minify Selected (Bit-15 = 1)
13-10 Reserved
9-0
W2 Vertical Minify Factor
SR90-8D – Window 2 Live Video Start .......................... RW
31-28 Reserved
........................................ always reads 0
27-16 W2 Vertical Starting Point
15-12 Reserved
........................................ always reads 0
11-0 W2 Horizontal Starting Point
SR94-91 – Window 2 Live Video End............................. RW
31-30 W2 Line Buffer Level Bits 8-7 (see SR95)
29-28 Reserved
........................................ always reads 0
27-16 W2 Vertical Ending Point
15-12 Reserved
........................................ always reads 0
11-0 W2 Horizontal Ending Point
SR95 – Window 2 Live Video Line Buffer Level ........... RW
7
Reserved
........................................ always reads 0
6-0
W2 Line Buffer Level Bits 6-0 (see SR91[31-30])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com