Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 73Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-64
Graphics Accelerator PCI Bus Master Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Command List Operation
The ProMedia implements an internal block called the
“Command List Control Unit” to process command lists.
Command list operation is invisible to software.
After
initialization of the Command List Control Unit, software can
set registers as if there is no Command List Control Unit. If
an engine is idle and there are no pending commands in the
command buffer, data will be passed to the corresponding
register directly. Otherwise, address and data will be stored
into the command buffer to be processed later.
When the
engine is idle, the Command List Control Unit will fetch
commands from the command buffer which is located in
video memory and send it to the engine.
There are two
registers that determine the lower and upper bounds of the
command buffer, the Command Buffer Start and Command
Buffer End registers. The Command List Control Unit uses
the command buffer in a round robin fashion, i.e., the address
is wrapped around when it passes the end of the buffer.
Registers in the Setup Engine, Rasterization Engine, Pixel
Engine, Memory Interface, and data from the host CPU and
the drawing environment can be buffered by the Command
List Control Unit. Command List Control registers and VGA
extension registers cannot be buffered.
Every entry in the
command buffer is 64-bit with the lower 32 bits for the
register address and the higher 32 bits for register data. In
order to optimize memory bandwidth usage, the Command
List Control Unit maintains one read and one write FIFO in its
interface to memory in order to burst information from the
read/write command list.
Port 23B0 –Command Buffer Start Address.................. RW
31-30 Command List Mode
00 Disable Command Buffer ...................... default
01 Enable Command Buffer
10 Flush Command Buffer Then Disable (after
first completing any commands in the existing
command buffer)
11 -reserved-
29-24 Reserved
........................................ always reads 0
23-0 Command Buffer Start Address
Starting address of the command buffer in bytes
(quadword aligned). Writing to this register will set
the internal buffer start and end pointers to this
address.
Port 23B0 –Command Buffer End Address ................... RW
31-24 Reserved
........................................ always reads 0
23-0 Command Buffer End Address
End address of the command buffer in bytes
(quadword aligned).
This
address
should
be
programmed to one more than the address of the last
byte of the command buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com