Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-27-
Register Summary Tables
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Capture Registers (2200)
I/O Port
Capture Registers
Default
Acc
2203-2200
Capture Command
—
RW
DVD Registers (2280-22FF)
I/O Port
DVD Registers
Default
Acc
2280
MC ID
—
R
2281
MC Control
—
RW
2282
MC Frame Buffer Config
—RW
2283
-reserved-
—
—
2285-2284
MC Status
—
RW
2287-2284
MC Command Queue
—
RW
228B-2288
MC Y-Reference Address
—
RW
228F-228C
MC U-Reference Address
—
RW
2293-2290
MC V-Reference Address
—
RW
2297-2294MC Display Y-Address Offset
—
RW
229B-2298
MC Display U-Address Offset
—
RW
229F-229C
MC Display V-Address Offset
—
RW
22A0
MC H Macroblock Count
—
RW
22A1
-reserved-
—
—
22A2
MC V Macroblock Count
—
RW
22A3
-reserved-
—
—
22A5-22A4
MC Frame Buffer Y-Length
—
RW
22A7-22A6
-reserved-
—
—
22AB-22A8 Color Palette Entries
—
RW
22AF-22AC -reserved-
—
—
22B3-22B0
SP BUF0 Pixel Start Address
—
RW
22B7-22B4
SP BUF1 Pixel Start Address
—
RW
22BB-22B8
SP BUF0 Cmd Start Address
—
RW
22BF-22BC SP BUF1 Cmd Start Address
—
RW
22C1-22C0
SP Y Display Offset
—
RW
22CF-22C2
-reserved-
—
—
22D0
Digital TV Encoder Control
—
RW
22D3-22D1
Digital TV Encoder CFC
—
RW
22FF-22D4
-reserved-
—
—
Extended Registers – Non-Indexed I/O Ports
I/O Port
Extended Non-Indexed Regs
Default
Acc
3D8
Alt Destination Segment Addr
00
RW
3D9
Alt Source Segment Address
—
RW
3xB
Alt Clock Select
—
RW
Note: 3xB notation indicates that these registers are accessible
at either 3BB or 3DB depending on the setting of the color /
mono bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com