Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-84
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
SRD1-D0 – Window 2 UV Row Byte Offset ...................RW
15-14 Reserved
........................................ always reads 0
13-0 W2 UV Plane Video Row Byte Offset (the bytes in
a row)
SRD4-D2 – Window 2 U-Frame Start Address ..............RW
23-20 Reserved
........................................ always reads 0
19-0 W2 U-Frame Start Address
SRD7-D5 – Window 2 V-Frame Start Address ..............RW
23-20 Reserved
........................................ always reads 0
19-0 W2 V-Frame Start Address
SRD9-D8 – Digital TV Interface Control........................RW
(see also CRD0, VGA / Digital TV Sync Control)
15-14 Reserved
........................................ always reads 0
13
DIVS I/O Control
12
DTVI
Signal
Output
Control,
except
DIVS
(Vsync)
11
Dual View Clock Inversion Control
10
Dual View Clock Control for DTVI
9
DICLK Inversion Control
8
DIVS Inversion Control
7
DIHS Inversion Control
6-5
YUV Order Inversion Control
4, 1
Data Out Control
00 VGA / Video Overlay Data
x1 TV Data
10 Data Direct from Video Engine
3-0
HS / VS / CLK Control
0000 VGAHS, VGAVS, and PCLK
x100 VGAHS, VGAVS, and SPKTV
1000 VGAHS, VGAVS, and PCLK x 2
xxx1 DVHS, DVVS, and LCDCLK
xx10 TVHS, TVVS, and TVCLK
SRDB-DA – Window 2 V-Count Status........................... RO
15-0 W2 V Count Status
SRDD-DC – Dual View Control ...................................... RW
15-11 Reserved
........................................ always reads 0
10-9 Dual View Control - SHIF
8
Dual View Control – G Window Enable
7
Dual View Control – W2 Double Buffer Enable
6
Dual View Control – W1 Double Buffer Enable
5
Dual View Control – W2 Address Trans Enable
4
Dual View Control – W1 Address Trans Enable
3
Dual View Control – Digital TV Enable
2
Dual View Control – Digital Video LUT Write
1
Dual View Control – Digital Video LUT Read
0
Dual View Control – Digital Video CRT
SRDF-DE – Window 1 V-Count Status ........................... RO
15-13 Reserved
........................................ always reads 0
12
DVV Sync
11-0 W1 V Count Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com