Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-83
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
SRAF-AE – Capture Row Byte Offset ............................RW
15
Reserved
........................................ always reads 0
14
Capture Address Initial Control
13-0 Capture Row Byte
SRB1-B0 – Window 1 HSB Control ................................RW
15-10 Brightness
9-5
Sin(Hue) * Saturation * 8 (bit-9 is the sign bit)
4-0
Cos(Hue) * Saturation * 8 (bit-4 is the sign bit)
Hue range is 0-360 degrees (default = 0)
Saturation range is 0-1.875 (default = 1)
SRB3-B2 – Window 2 HSB Control ................................RW
15-10 Brightness
9-5
Sin(Hue) * Saturation * 8 (bit-9 is the sign bit)
4-0
Cos(Hue) * Saturation * 8 (bit-4 is the sign bit)
Hue range is 0-360 degrees (default = 0)
Saturation range is 0-1.875 (default = 1)
SRB6-B4 – Second Display Address Select .....................RW
23-20 Reserved
........................................ always reads 0
19-0 Second Display Address for Double Buffering
Second display address for double buffering instead
of capture address
SRB7 – Video Sharpness...................................................RW
7-0
Video Sharpness Factor
SRBA-B8 – Second Capture Address Select ...................RW
23-20 Reserved
........................................ always reads 0
19-0 Second Capture Address for Double Buffering
Second capture address for double buffering instead
of display address
SRBC – Contrast Control.................................................RW
7-4
Window 2 Contrast
3-0
Window 1 Contrast
SRBD – Dual View Mux Control .................................... RW
7-3
Reserved
........................................ always reads 0
2-0
CRT / TV View Multiplexing Control
00x Color key 1 determines top window (1=W1)def
010 Video window 1 overlay
011 Video window 2 overlay
10x Window key defines window 1 on top
11x Window key defines window 2 on top
SRBE – Miscellaneous Control Bits................................ RW
7
Planar Capture
0
Off
.................................................... default
1On
6-5
Capture Start Address W/R Control (CR98[19-
0])
0x W/R Y address....................................... default
10 W/R U address
11 W/R V address
4
Video Engine Power Saving Mode
0
On
.................................................... default
1On
3
Reserved
........................................ always reads 0
2
Interpolation Bypass
0
Interpolation .......................................... default
1Bypass
1
Window 2 HSCB Enable
0
Bypass ................................................... default
1Enable
0
Window 1 HSCB Enable
0
Bypass ................................................... default
1Enable
SRCE – Window 2 Live Video Control .......................... RW
7
Reserved
........................................ always reads 0
6
W2 Vertical Interpolation
0
Disable................................................... default
1Enable
5
Planar Mode X (Horizontal) Y/UV Ratio
0
2x
.................................................... default
14x
4-3
Planar Mode Y (Vertical) Y/UV Ratio
00 2x (Yp420) ............................................ default
01 4x (Yp410)
1x 1x (Yp422)
2-0
Window Mode .................................... default = 000b
Format
Interpolation
Line Buffers
000 YUV422
H-V
(96+48) x 64
001 Planar
H-V
(96+48) x 64
01x YUV
FIFO H
96 x 64
100 MPEG2 YUV422
H-V
2x(96+48)x64
101 MPEG2 Planar
H-V
2x(96+48)x64
11x YUV422
H-V (V-YUV) 2x(96+48)x64
For 1xx, only one h/w overlay window is supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com