Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 73Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 75Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 76Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-67
Graphics Accelerator PCI Bus Master Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
DVD Registers
Port 2280 – MC Version ID...............................................RO
7-0
Version ID
Port 2281 – MC Control ...................................................RW
7
Debug Mode
0
Disable ...................................................default
1Enable
6
MC Completion Interrupt
0
Disable ...................................................default
1Enable
5
VO Completion Interrupt
0
Disable ...................................................default
1Enable
4
Host Bus Identification
0
AGP .....................................................default
1PCI
3
Decode Overwrite
0
Enable.....................................................default
1
Disable
2-1
IDCT Data Format
00 -reserved-................................................default
01 9 bits
10 8 bits
11 16 bits
0MC Mode
0
Disable ...................................................default
1Enable
Port 2282 – MC Frame Buffer Configuration................ RW
7
Interlaced Display
6
TV Flicker Filter Bypass
0
Use TV CRTC ....................................... default
1
Use VGA CRTC
5
Request Threshold of Display Command Queue
4
Request Threshold of PBF
3
Request Threshold of PFF
2
Hardware SP RL-Decode Disable
0
Enable .................................................... default
1
Disable
1-0
Frame Buffer Configuration
00 4-frame................................................... default
01 3.5-frame
10 3.5-frame HHR
11 3-frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com