Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-2-
Features
7HFKQRORJLHV ,QF
:H&
:H&RRQQQQHFW
HFW
• Internal Accelerated Graphics Port (AGP) Controller
− AGP v1.0 compliant
− Pipelined split-transaction long-burst transfers up to 533 MB/sec
− Eight level read request queue
− Four level posted-write request queue
− Thirty-two level (quadwords) read data FIFO (128 bytes)
− Sixteen level (quadwords) write data FIFO (64 bytes)
− Intelligent request reordering for maximum AGP bus utilization
− Supports Flush/Fence commands
− Graphics Address Relocation Table (GART)
− One level TLB structure
− Sixteen entry fully associative page table
− LRU replacement scheme
− Independent GART lookup control for host / AGP / PCI master accesses
− Windows 95 OSR-2 VXD and integrated Windows 98 / NT5 miniport driver support
• Concurrent PCI Bus Controller
− PCI bus is synchronous / pseudo-synchronous to host CPU bus
− 33 MHz operation on the primary PCI bus
− Supports up to five PCI masters
− Peer concurrency
− Concurrent multiple PCI master transactions; i.e., allow PCI masters from both PCI buses active at the same time
− Zero wait state PCI master and slave burst transfer rate
− PCI to system memory data streaming up to 132Mbyte/sec
− PCI master snoop ahead and snoop filtering
− Six levels (double-words) of CPU to PCI posted write buffers
− Byte merging in the write buffers to reduce the number of PCI cycles and to create further PCI bursting possibilities
− Enhanced PCI command optimization (MRL, MRM, MWI, etc.)
− Forty-eight levels (double-words) of post write buffers from PCI masters to DRAM
− Sixteen levels (double-words) of prefetch buffers from DRAM for access by PCI masters
− Supports L1/L2 write-back forward to PCI master read to minimize PCI read latency
− Supports L1/L2 write-back merged with PCI master post-write to minimize DRAM utilization
− Delay transaction from PCI master reading DRAM
− Read caching for PCI master reading DRAM
− Transaction timer for fair arbitration between PCI masters (granularity of two PCI clocks)
− Symmetric arbitration between Host/PCI bus for optimized system performance
− Complete steerable PCI interrupts
− PCI-2.2 compliant, 32 bit 3.3V PCI interface with 5V tolerant inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com