Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-32-
Register Summary Tables
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
3D Graphics Engine Registers
These registers are addressed at offsets from the Graphics
Engine Base Address (GEbase). All registers are 32-bit.
Offset Span Engine Registers
Default
Acc
3-0
Parameter Source 1
—
RW
7-4
Parameter Source 2
—
RW
B-8
Parameter Destination 1
—
RW
F-C
Parameter Destination 2
—
RW
Offset VGA Core Registers
Default
Acc
13-10 Right View Display Base Addresses
—
RW
17-14 Left View Display Base Addresses
—
RW
1B-18 Block Write Start Address
—
RW
1F-1C Block Write Area / End Address
—
RW
23-20 GE Status
—
R
27-24 GE Control
—
W
2B-28 GE Debug
—
R
2F-2C Wait Mask
—
RW
Offset Rasterization & Setup Engine Regs
Default
Acc
33-30 Primitive Attribute
—
RW
37-34 -reserved-
—
—
3B-38 -reserved-
—
—
3F-3C Primitive Type—
W
3F-3C Setup Engine Status
—
R
Offset Pixel Engine Registers
Default
Acc
43-40 -reserved-
—
—
47-44 Drawing Command
—
RW
4B-48 Raster Operation (ROP)
—RW
4F-4C Z-Function
—
RW
53-50 Texture Function
—
RW
57-54 Clipping Window 0
—
RW
5B-58 Clipping Window 1
—
RW
5F-5C -reserved-
—
—
63-60 Color 0
—
RW
67-64 Color 1
—
RW
6B-68 Color Key
—RW
6F-6C Pattern and Style
—
RW
73-70 Pattern Color
—
RW
77-74 Pattern Foreground Color
—
RW
7B-78 Pattern Background Color
—
RW
7F-7C Alpha
—
RW
83-80 Alpha Function
—
RW
87-84 Bit Mask
—
RW
8B-88 -reserved-
—
—
8F-8C -reserved-
—
—
93-90 -reserved-
—
—
97-94 -reserved-
—
—
9B-98 -reserved-
—
—
9F-9C -reserved-
—
—
Offset Texture Engine Registers
Default
Acc
A3-A0 Texture Control
—
RW
A7-A4 Texture Color
—
RW
AB-A8 Palette Data
—
W
AF-AC Texture Boundary
—RW
Offset Command List Control Registers
Default
Acc
B3-B0 -reserved-
—
—
B7-B4 -reserved-
—
—
Offset Memory Interface Registers
Default
Acc
BB-B8 Destination Stride & Buffer 0
—
RW
BF-BC Destination Stride & Buffer 1
—
RW
C3-C0 Destination Stride & Buffer 2
—
RW
C7-C4 Destination Stride & Buffer 3
—
RW
CB-C8 Source Stride & Buffer 0
—
RW
CF-CC Source Stride & Buffer 1
—
RW
D3-D0 Source Stride & Buffer 2
—
RW
D7-D4 Source Stride & Buffer 3
—
RW
DB-D8 Z Depth & Buffer
—
RW
DF-DC Texture Base Level 0 (1:1 Map)
—RW
E3-E0 Texture Base Level 1
—
RW
E7-E4 Texture Base Level 2
—
RW
EB-E8 Texture Base Level 3
—
RW
EF-EC Texture Base Level 4
—
RW
F3-F0 Texture Base Level 5
—
RW
F7-F4 Texture Base Level 6
—
RW
FB-F8 Texture Base Level 7
—
RW
FF-FC Texture Base Level 8 (mallest)
—RW
Offset Data Port Area
Default
Acc
1xxxx Data Port Area
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com