Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-6-
System Overview
7HFKQRORJLHV ,QF
:H&
:H&RRQQQQHFW
HFW
SYSTEM OVERVIEW
The Apollo ProMedia is a PC Slot-1 system logic North Bridge with integrated 2D/3D Graphics accelerator. The core logic
portion of the chip is based on the VIA Apollo Pro133 with integrated graphics accelerator provided by an industry leading
Graphics supplier. The combination of the two leading edge technologies provides a stable, cost-effective, and high performance
solution to both the Desktop and Mobile personal computer markets. As shown in Figure 1 below, the Apollo ProMedia will
interface to:
•
Slot-1 Front-Side Bus (66 – 133 MHz)
•
PC66 / PC100 / PC133 SDRAM Memory Interface
•
PCI Bus (30 - 33 MHz)
•
Analog RGB Monitor with DDC
•
Various Flat Panels or Digital Monitor Transmitters (TMDS or LVDS)
•
Video Capture / Playback CODECs
MA[13:0]
CNTLs
MD[63:0]
D
R
A
M
Apollo
ProMedia
510 BGA
TV Signal
VMI
TV Encoder
TDMS/LVDS
Celeron or
Pentium-II / III
Processor
3&, %86
3&, 6/276
97&$
 %*$
6RXWK
%ULGJH
[ 86%
'XDO,'(
60%86
$&/LQN
$&
%,26 520
)ORSS\ 'LVN
3DUDOOHO 3RUW
6HULDO 3RUWV
,6$ %XV
,6$ 6/276
Figure 1: Apollo ProMedia High Level System Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com