Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-53-
Device 1 Bus 0 Header Registers - PCI-to-AGP Bridge
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 1 Offset 18 - Primary Bus Number ......................RW
7-0
Primary Bus Number............................... default = 0
This register is read write, but internally the chip always uses
bus 0 as the primary.
Device 1 Offset 19 - Secondary Bus Number ..................RW
7-0
Secondary Bus Number ........................... default = 0
Note: PCI#2 must use these bits to convert Type 1 to Type 0.
Device 1 Offset 1A - Subordinate Bus Number ..............RW
7-0
Primary Bus Number............................... default = 0
Note: PCI#2 must use these bits to decide if Type 1 to Type 1
command passing is allowed.
Device 1 Offset 1C - I/O Base ...........................................RW
7-4
I/O Base AD[15:12].......................... default = 1111b
3-0
I/O Addressing Capability....................... default = 0
Device 1 Offset 1D - I/O Limit..........................................RW
7-4
I/O Limit AD[15:12] ................................ default = 0
3-0
I/O Addressing Capability....................... default = 0
Device 1 Offset 1F-1E - Secondary Status........................RO
15-0 Reserved
.................................. always reads 0000
Device 1 Offset 21-20 - Memory Base..............................RW
15-4 Memory Base AD[31:20] .................default = 0FFFh
3-0
Reserved
........................................ always reads 0
Device 1 Offset 23-22 - Memory Limit (Inclusive)..........RW
15-4 Memory Limit AD[31:20]........................ default = 0
3-0
Reserved
........................................ always reads 0
Device 1 Offset 25-24 - Prefetchable Memory Base .......RW
15-4 Prefetchable Memory Base AD[31:20].def = 0FFFh
3-0
Reserved
........................................ always reads 0
Device 1 Offset 27-26 - Prefetchable Memory Limit ......RW
15-4 Prefetchable Memory Limit AD[31:20] ...................
.............................................. default = 0
3-0
Reserved
........................................ always reads 0
Device 1 Offset 3F-3E – PCI-to-PCI Bridge Control..... RW
15-4 Reserved
........................................ always reads 0
3
VGA-Present on AGP
0
Forward VGA accesses to PCI Bus ....... default
1
Forward VGA accesses to AGP Bus
Note: VGA addresses are memory A0000-BFFFFh
and I/O addresses 3B0-3BBh, 3C0-3CFh and 3D0-
3DFh (10-bit decode).
"Mono" text mode uses
B0000-B7FFFh and "Color" Text Mode uses B8000-
BFFFFh. Graphics modes use Axxxxh. Mono VGA
uses I/O addresses 3Bx-3Cxh and Color VGA uses
3Cx-3Dxh. If an MDA is present, a VGA will not
use the 3Bxh I/O addresses and B0000-B7FFFh
memory space;
if not, the VGA will use those
addresses to emulate MDA modes.
2
Block / Forward ISA I/O Addresses
0
Forward all I/O accesses to the AGP bus if
they are in the range defined by the I/O Base
and I/O Limit registers (device 1 offset 1C-1D)
.................................................... default
1
Do not forward I/O accesses to the AGP bus
that are in the 100-3FFh address range even if
they are in the range defined by the I/O Base
and I/O Limit registers.
1-0
Reserved
........................................ always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com