Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-15-
Pinouts
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
PIN DESCRIPTIONS
Table 1. VT8601 Pin Descriptions
CPU Interface
Signal Name
Pin #
I/O
Signal Description
HA[31:3]#
see pin list
IO
Host Address Bus. Connect to the address bus of the host CPU. These pins are inputs
during CPU cycles, but are driven by the VT8601 during cache snooping operations.
HD[63:0]#
see pin list
IO
Host CPU Data. These signals are connected to the CPU data bus.
ADS#
J24
IO
Address Strobe. The CPU asserts ADS# in T1 of the CPU bus cycle.
BNR#
D26
IO
Block Next Request.
Used to block the current request bus owner from issuing new
requests. This signal is used to dynamically control the processor bus pipeline depth.
BPRI#
E26
IO
Priority Agent Bus Request. The owner of this signal will always be the next bus owner.
This signal has priority over symmetric bus requests and causes the current symmetric
owner to stop issuing new transactions unless the HLOCK# signal is asserted.
The
VT82C693 drives this signal to gain control of the processor bus.
DBSY#
H26
IO
Data Bus Busy. Used by the data bus owner to hold the data bus for transfers requiring
more than one cycle.
DEFER#
F26
IO
Defer. The VT8601 uses a dynamic deferring policy to optimize system performance. The
VT8601 also uses the DEFER# signal to indicate a processor retry response.
DRDY#
J23
IO
Data Ready. Asserted for each cycle that data is transferred.
HIT#
G24
IO
Hit. Indicates that a cacheing agent holds an unmodified version of the requested line.
Also driven in conjunction with HITM# by the target to extend the snoop window.
HITM#
G26
I
Hit Modified. Asserted by the CPU to indicate that the address presented with the last
assertion of EADS# is modified in the L1 cache and needs to be written back.
HLOCK#
G23
I
Host Lock. All CPU cycles sampled with the assertion of HLOCK# and ADS# until the
negation of HLOCK# must be atomic.
BREQ0#
J25
O
Bus Request 0. Bus request output to CPU.
HREQ[4:0]#
E25, F25,
F24, F23,
E24
IO
Request Command. Asserted during both clocks of the request phase. In the first clock,
the signals define the transaction type to a level of detail that is sufficient to begin a snoop
request. In the second clock, the signals carry additional information to define the complete
transaction type.
HTRDY#
G25
IO
Host Target Ready. Indicates that the target of the processor transaction is able to enter
the data transfer phase.
RS[2:0]#
H25, K23,
H23
IO
Response Signals. Indicates the type of response per the table below:
RS[2:0]#
Response type
000
Idle State
001
Retry Response
010
Defer Response
011
Reserved
100
Hard Failure
101
Normal Without Data
110
Implicit Writeback
111
Normal With Data
CPURST#
A19
O
CPU Reset. Reset output to CPU
CPURSTD#
E22
O
CPU Reset Delayed. CPU Reset output delayed by 2T.
Note: Clocking of the CPU and cache interfaces is performed with HCLK;
see the clock pin group at the end of the pin
descriptions section for descriptions of the clock input pins.
Note: All signals above require 4.7K pullups to VCC3 except EADS#, HITM#, AHOLD, HA, and HD.
Note: All signals above connect directly to the host CPU except HA and HD which connect directly to the L2 cache SRAMs and
connect to the host CPU through 22 ohm series resistors (see the “Apollo ProMedia Design Guide” for more information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com