Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-50-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
AGP Control
Device 0 Offset A3-A0 - AGP Capability Identifier ........RO
31-24 Reserved
...................................... always reads 00
23-20 Major Specification Revision ..... always reads 0001
Major revision # of AGP spec device conforms to
19-16 Minor Specification Revision ..... always reads 0000
Minor revision # of AGP spec device conforms to
15-8 Pointer to Next Item........ always reads 00 (last item)
7-0
AGP ID
.. (always reads 02 to indicate it is AGP)
Device 0 Offset A7-A4 - AGP Status.................................RO
31-24 Maximum AGP Requests ................ always reads 07
Max # of AGP requests the device can manage (8)
23-10 Reserved
.......................................always reads 0s
9
Supports SideBand Addressing ........ always reads 1
8-2
Reserved
.......................................always reads 0s
1
2X Rate Supported
Value returned can be programmed by writing to
RxAC[3]
........................................ always reads 1
0
1X Rate Supported............................. always reads 1
Device 0 Offset AB-A8 - AGP Command ........................RW
31-24 Request Depth (reserved for target)...always reads 0s
23-10 Reserved
.......................................always reads 0s
9
SideBand Addressing Enable
0
Disable ...................................................default
1Enable
8AGP Enable
0
Disable ...................................................default
1Enable
7-2
Reserved
.......................................always reads 0s
12X Mode Enable
0
Disable ...................................................default
1Enable
01X Mode Enable
0
Disable ...................................................default
1Enable
Device 0 Offset AC - AGP Control.................................. RW
7
Reserved
...................................... always reads 0s
6
AGP Read Synchronization
0
Disable................................................... default
1
Enable (the CPU to AGP cycle will be delayed
if the CMFIFO contains a GART access)
5
AGP Read Snoop CMFIFO
0
Disable................................................... default
1
Enable (AGP read address will snoop the
CMFIFO; if hit, AGP read will be started after
the write is retired)
4
AGP Master Request has Higher Priority if AGP
Controller is Parking at AGP Master
0
Disable................................................... default
1Enable
3
2X Rate Supported (read also at RxA4[1])
0
Not supported ........................................ default
1
Supported
2
LPR In-Order Access (Force Fence)
0
Fence/Flush functions not guaranteed.
AGP
read requests (low/normal priority and high
priority) may be executed before previously
issued write requests. ............................. default
1
Force all requests to be executed in order
(automatically enables Fence/Flush functions).
Low (i.e., normal) priority AGP read requests
will never be executed before previously
issued writes. High priority AGP read requests
may still be executed prior to previously issued
write requests as required.
1
AGP Arbitration Parking
0
Disable................................................... default
1
Enable (GGNT# remains asserted until either
GREQ# de-asserts or data phase ready)
0
2T AGP to DRAM Request Generation
0
Disable................................................... default
1Enable
Device 0 Offset AD – AGP Latency Register.................. RW
7-4
Reserved
...................................... always reads 0s
3-0
AGP Latency Timer(units of 16 GCLKs)
0000 Free Run ................................................ default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com