Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-3-
Features
7HFKQRORJLHV ,QF
:H&
:H&RRQQQQHFW
HFW
• Advanced High-Performance DRAM Controller
− DRAM interface synchronous or pseudosynchronous with CPU FSB speed of 66 / 100 / 133 MHz
− DRAM interface may be faster than CPU by 33 MHz to allow use of PC100 with 66 MHz Celeron CPU or use of
PC133 with 100 MHz Pentium II or Pentium III CPU
− DRAM interface may be slower than CPU by 33 MHz to allow use of older memory modules with a newer CPU
− Concurrent CPU, AGP, and PCI access
− Supports FP, EDO, SDRAM and VCM-SDRAM memory types
− Different DRAM types may be used in mixed combinations
− Different DRAM timing for each bank
− Dynamic Clock Enable (CKE) control for SDRAM power reduction in high speed systems
− Mixed 1M / 2M / 4M / 8M / 16M / 32MxN DRAMs
− 6 banks DRAMs supported up to 1GB (256Mb DRAM technology)
− Flexible row and column addresses
− 64-bit data width only
− 3.3V DRAM interface with 5V-tolerant inputs
− Programmable I/O drive capability for MA, command, and MD signals
− Two-bank interleaving for 16Mbit SDRAM support
− Two-bank and four bank interleaving for 64Mbit SDRAM support
− Supports maximum 8-bank interleave (i.e., 8 pages open simultaneously); banks are allocated based on LRU
− Independent SDRAM control for each bank
− Seamless DRAM command scheduling for maximum DRAM bus utilization
(e.g., precharge other banks while accessing the current bank)
− Four cache lines (16 quadwords) of CPU to DRAM write buffers
− Four cache lines of CPU to DRAM read prefetch buffers
− Read around write capability for non-stalled CPU read
− Speculative DRAM read before snoop result
− Burst read and write operation
− x-2-2-2-2-2-2-2 back-to-back accesses for EDO DRAM from CPU or from DRAM controller
− x-1-1-1-1-1-1-1 back-to-back accesses for SDRAM
− BIOS shadow at 16KB increment
− Decoupled and burst DRAM refresh with staggered RAS timing
− CAS before RAS or self refresh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com