Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-45-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Offset 72 - CPU to PCI Flow Control 2.........RWC
7
Retry Status
0
Retry occurred less than retry limit ........default
1
Retry occurred more than x times (where x is
defined by bits 5-4) ................. write 1 to clear
6
Retry Timeout Action
0
Retry Forever (record status only)..........default
1
Flush buffer for write or return all 1s for read
5-4
Retry Limit
00 Retry 2 times ..........................................default
01 Retry 16 times
10 Retry 4 times
11 Retry 64 times
3
Clear Failed Data and Continue Retry
0
Flush the entire post-write buffer ...........default
1
When data is posting and master (or target)
abort fails, pop the failed data if any, and keep
posting
2
CPU Backoff on PCI Read Retry Failure
0
Disable ...................................................default
1
Backoff CPU when reading data from PCI and
retry fails
1
Reduce 1T for FRAME# Generation
0
Disable ...................................................default
1Enable
0
Reduce 1T for CPU Read of PCI Slave
0
Disable ..................................................Default
1
Enable
Device 0 Offset 73 - PCI Master Control 1..................... RW
7
Reserved
........................................ always reads 0
6
PCI Master 1-Wait-State Write
0
Zero wait state TRDY# response........... default
1
One wait state TRDY# response
5
PCI Master 1-Wait-State Read
0
Zero wait state TRDY# response........... default
1
One wait state TRDY# response
4
Disable Prefetch when Doing Delay Transaction
0
Enable .................................................... default
1
Disable
3
Assert STOP# after PCI Master Write Timeout
0
Disable................................................... default
1Enable
2
Assert STOP# after PCI Master Read Timeout
0
Disable................................................... default
1Enable
1
LOCK# Function
0
Disable................................................... default
1Enable
0
PCI Master Broken Timer Enable
0
Disable................................................... default
1
Enable. Force into arbitration when there is no
FRAME# 16 PCICLK’s after the grant. Does
not apply to south bridge PREQ# input
Device 0 Offset 74 - PCI Master Control 2..................... RW
7
PCI Master Read Prefetch by Enhance Command
0
Always Prefetch ..................................... default
1
Prefetch only if Enhance command
6
PCI Master Write Merge
0
Disable................................................... default
1Enable
5
Reserved
........................................ always reads 0
4
Dummy Request Handling............Should be set to 1
0
As VP3................................................... default
1
Complete Fix
3
PCI Delay Transaction Time-Out
0
Disable................................................... default
1Enable
2
Backoff CPU Immediately on CPU to AGP Retry
0
Disable................................................... default
1Enable
1-0
CPU/PCI Master Latency Timer Control
00 AGP Master Reloads MLT timer........... default
01 Falling edge of AGP Master Request reloads
MLT timer
10 Rising Edge of AGP Master Request clears
MLT timer and falling edge reloads the timer
11 Reserved (illegal setting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com