Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 73Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 75Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 76Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 77Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 78Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-69
Graphics Accelerator PCI Bus Master Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Port 228B-2288 – MC Y-Reference Address ..................RW
31-20 Reserved
........................................ always reads 0
19-0 Y-Reference Start Address (quadword aligned)
Port 228F-228C – MC U-Reference Address..................RW
31-20 Reserved
........................................ always reads 0
19-0 U-Reference Start Address (quadword aligned)
Port 2293-2290 – MC V-Reference Address ...................RW
31-20 Reserved
........................................ always reads 0
19-0 V-Reference Start Address (quadword aligned)
Port 2297-2294 – MC Display Y-Address Offset............RW
31-20 Reserved
........................................ always reads 0
19-0 Y Address Offset
Y address offset (quadword aligned) of first display
pixel relative to the first pixel (top left hand corner)
of the picture.
Port 229B-2298 – MC Display U-Address Offset ...........RW
31-20 Reserved
........................................ always reads 0
19-0 U Address Offset
U address offset (quadword aligned) of first display
pixel relative to the first pixel (top left hand corner)
of the picture.
Port 229F-229C – MC Display V-Address Offset...........RW
31-20 Reserved
........................................ always reads 0
19-0 V Address Offset
V address offset (quadword aligned) of first display
pixel relative to the first pixel (top left hand corner)
of the picture.
Port 22A0 – MC H Macroblock Count ...........................RW
7-0
Number of Horizontal Macroblocks
Port 22A2 – MC V Macroblock Count............................RW
7-0
Number of Vertical Macroblocks
Port 22A5-22A4 – MC Frame Buffer Y Length .............RW
15-0 Number of Pixels in a Y Frame
Port 22AB-22A8 – Color Palette Entries ........................ RW
Port 22B3-22B0 – SP BUF0 Pixel Start Address ........... RW
Port 22B7-22B4 – SP BUF1 Pixel Start Address ........... RW
Port 22BB-22B8 – SP BUF0 Command Start Address . RW
Port 22BF-22BC – SP BUF1 Command Start Address. RW
Port 22C1-22C0 – SP Y Display Offset........................... RW
Port 22D0 – Digital TV Encoder Control ....................... RW
Port 22D3-22D1 – Digital TV Encoder CFC .................. RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com